Moteur de recherche de fiches techniques de composants électroniques |
|
LC503UHR1-30P-A-00B02 Fiches technique(PDF) 3 Page - Cree, Inc |
|
LC503UHR1-30P-A-00B02 Fiches technique(HTML) 3 Page - Cree, Inc |
3 / 5 page Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 3 CLD-CT038.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com/ledlamps Graphs 4/4 Format #: COTCO-D-074 REV.4 Document No. SPE/LC503UHR1-30Q-A Rev. No. 03 G Grraapphhss FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT TEMPERATURE (Tjmax=105 C) 60.0 0 20.0 0.0 40.0 20 40 60 Ta( C) 100.0 80.0 IF(mA) 100 80 FORWARD CURRENT. FIG.3 RELATIVE LUMINOUS INTENSITY VS. 60.0 20.0 0.0 0.0 1.0 40.0 100.0 80.0 If(mA) 100.0 FORWARD VOLTAGE. 3.0 2.0 4.0 5.0 FIG.1 FORWARD CURRENT VS. 2.4 2.0 1.8 0.0 20.0 2.2 60.0 40.0 80.0 2.8 2.6 Vf(V) If (mA) FIG.4 RELATIVE LUMINOUS INTENSITY VS. FIG.6 FAR FIELD PATTERN -90 0 WAVELENGTH. 50% Power Angle : 30 0% 400 25% 500 600 700 800 Ie(%) 100% 100% 900 WL(nm) 75% 50% 100% Half Power WL=23nm Domi WL= 624nm -10.0 Ir(uA) FIG.2 REVERSE CURRENT VS. REVERSE VOLTAGE. -50.0 -30.0 -40.0 -20.0 -10 Vr(V) -60 -50 -40 -20 -30 0.0 -60 -30 30 0 60 0% 90 20% 20% 40% 40% 60% 60% 80% 80% Items Signatures Date Revision History Prepared by WangFJ 2007-09-21 Rev. No Date Change Description Checked by WangDW 2007-09-21 02 2007-07-06 Release. IV from V,W,X,Y(typ)4200 to W,X,Y(typ)5100mcd. Approved by Add ESD rank David 2007-09-21 03 2007-09-21 FCN# FCN20070234 Data is subject to change without prior notice; please refer to COTCO Website for the latest version. Copyright@2002 Cotco International Ltd. |
Numéro de pièce similaire - LC503UHR1-30P-A-00B02 |
|
Description similaire - LC503UHR1-30P-A-00B02 |