Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LV157ADGVRG4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74LV157ADGVRG4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 17 page SN54LV157A, SN74LV157A QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS SCLS397F − APRIL 1998 − REVISED APRIL 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the devices when they are powered down. FUNCTION TABLE INPUTS OUTPUT G SELECT DATA OUTPUT Y G SELECT A/B A B Y H X X X L L L L XL L L H XH L H X LL L H X H H logic diagram (positive logic) Pin numbers shown are for the D, DB, DGV, J, NS, PW, and W packages. 2 3 5 6 11 10 14 13 15 1 G A/B 4B 4A 3B 3A 2B 2A 1B 1A 4 7 9 12 1Y 2Y 3Y 4Y |
Numéro de pièce similaire - SN74LV157ADGVRG4 |
|
Description similaire - SN74LV157ADGVRG4 |