Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4396DY Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI4396DY
Description  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4396DY Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI4396DY Datasheet HTML 1Page - Vishay Siliconix SI4396DY Datasheet HTML 2Page - Vishay Siliconix SI4396DY Datasheet HTML 3Page - Vishay Siliconix SI4396DY Datasheet HTML 4Page - Vishay Siliconix SI4396DY Datasheet HTML 5Page - Vishay Siliconix SI4396DY Datasheet HTML 6Page - Vishay Siliconix SI4396DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 74252
S-61223-Rev. A, 17-Jul-06
www.vishay.com
5
Vishay Siliconix
Si4396DY
TYPICAL CHARACTERISTICS
25 °C, unless noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dis-
sipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
Current Derating*
0
4
8
11
15
TC – Case Temperature (°C)
0
25
50
75
100
125
150
19
Power Derating, Junction-to-Foot
0.0
1.4
2.8
4.2
5.6
7.0
0
25
50
75
100
125
150
TC – Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TA – Case Temperature (°C)


Numéro de pièce similaire - SI4396DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4390DY VISHAY-SI4390DY Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4390DY-T1 VISHAY-SI4390DY-T1 Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4392DY VISHAY-SI4392DY Datasheet
55Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI4392DY VISHAY-SI4392DY Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4392DY-E3 VISHAY-SI4392DY-E3 Datasheet
55Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
More results

Description similaire - SI4396DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com