Moteur de recherche de fiches techniques de composants électroniques |
|
TL071MFK Fiches technique(PDF) 3 Page - Texas Instruments |
|
TL071MFK Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 14 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic (each amplifier) C1 VCC + IN + VCC – 1080 Ω 1080 Ω IN – TL071 Only 64 Ω 128 Ω 64 Ω All component values shown are nominal. OFFSET NULL (N1) OFFSET NULL (N2) OUT 18 pF COMPONENT COUNT† COMPONENT TYPE TL071 TL072 TL074 Resistors 11 22 44 Resistors Transistors 11 14 22 28 44 56 JFET 2 4 6 Diodes 1 2 4 Capacitors 1 2 4 epi-FET 1 2 4 † Includes bias and trim circuitry |
Numéro de pièce similaire - TL071MFK |
|
Description similaire - TL071MFK |