Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL074CPWLE Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TL074CPWLE
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL074CPWLE Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TL074CPWLE Datasheet HTML 6Page - Texas Instruments TL074CPWLE Datasheet HTML 7Page - Texas Instruments TL074CPWLE Datasheet HTML 8Page - Texas Instruments TL074CPWLE Datasheet HTML 9Page - Texas Instruments TL074CPWLE Datasheet HTML 10Page - Texas Instruments TL074CPWLE Datasheet HTML 11Page - Texas Instruments TL074CPWLE Datasheet HTML 12Page - Texas Instruments TL074CPWLE Datasheet HTML 13Page - Texas Instruments TL074CPWLE Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
–75
0
TA – Free-Air Temperature – °C
125
±15
–50
–25
0
25
50
75
100
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
VCC
± = ±15 V
See Figure 2
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
RL = 2 kΩ
Figure 9
0.1
0
RL – Load Resistance – kΩ
10
±15
±2.5
±5
±7.5
±10
±12.5
VCC
± = ±15 V
TA = 25°C
See Figure 2
0.2
0.4
0.7 1
2
4
7
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
Figure 10
0
0
|VCC
±| – Supply Voltage – V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 11
–75
1
TA – Free-Air Temperature – °C
125
1000
–50
–25
0
25
50
75
100
2
4
10
20
40
100
200
400
VCC
± = ±15 V
VO = ± 10 V
RL = 2 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Numéro de pièce similaire - TL074CPWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL074CPWLE TI-TL074CPWLE Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CPWLE TI-TL074CPWLE Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CPWLE TI-TL074CPWLE Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CPWLE TI-TL074CPWLE Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CPWLE TI-TL074CPWLE Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Description similaire - TL074CPWLE

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com