Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN7414NSR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN7414NSR
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN7414NSR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN7414NSR Datasheet HTML 5Page - Texas Instruments SN7414NSR Datasheet HTML 6Page - Texas Instruments SN7414NSR Datasheet HTML 7Page - Texas Instruments SN7414NSR Datasheet HTML 8Page - Texas Instruments SN7414NSR Datasheet HTML 9Page - Texas Instruments SN7414NSR Datasheet HTML 10Page - Texas Instruments SN7414NSR Datasheet HTML 11Page - Texas Instruments SN7414NSR Datasheet HTML 12Page - Texas Instruments SN7414NSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS OF ’14 CIRCUITS
Figure 6
780
760
800
820
840
DISTRIBUTION OF UNITS
FOR HYSTERESIS
860
880
900
VT+ – VT– – Hysteresis – mV
VCC = 5 V
TA = 25°C
740
Figure 7
4.75
4.5
0.8
0.4
0.2
0
5
1.2
1.4
THRESHOLD VOLTAGES
vs
SUPPLY VOLTAGE
2.0
5.25
5.5
1.0
0.6
TA = 25°C
1.6
1.8
VT+ – VT– – Hysteresis – mV
Positive-Going Threshold Voltage, VT+
Negative-Going Threshold Voltage, VT–
4.5
0.8
0.4
0.2
0
1.2
1.4
2.0
1.0
0.6
1.6
1.8
Figure 8
4.75
5
HYSTERESIS
vs
SUPPLY VOLTAGE
5.25
5.5
TA = 25°C
VCC – Supply Voltage – V
Figure 9
0.4
0
1
0
0.8
2
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
4
1.2
2
3
VCC – Supply Voltage – V
VCC = 5 V
TA = 25°C
1.6
VT–
VT+
† Data for temperatures below 0
°C and above 70°C and supply voltage below 4.75 V and above 5.25 V are applicable for SN5414 only.


Numéro de pièce similaire - SN7414NSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN7414NSR TI-SN7414NSR Datasheet
611Kb / 10P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414NSR TI-SN7414NSR Datasheet
960Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414NSR TI1-SN7414NSR Datasheet
939Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414NSRE4 TI-SN7414NSRE4 Datasheet
611Kb / 10P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN7414NSRE4 TI-SN7414NSRE4 Datasheet
960Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Description similaire - SN7414NSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com