Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7335D1PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7335D1PBF
Description  Dual FETKY Co-Packaged Dual MOSFET Plus Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7335D1PBF Datasheet HTML 1Page - International Rectifier IRF7335D1PBF Datasheet HTML 2Page - International Rectifier IRF7335D1PBF Datasheet HTML 3Page - International Rectifier IRF7335D1PBF Datasheet HTML 4Page - International Rectifier IRF7335D1PBF Datasheet HTML 5Page - International Rectifier IRF7335D1PBF Datasheet HTML 6Page - International Rectifier IRF7335D1PBF Datasheet HTML 7Page - International Rectifier IRF7335D1PBF Datasheet HTML 8Page - International Rectifier IRF7335D1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V„
10
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
„
8.1
A
IDM
Pulsed Drain Current

81
PD @TA = 25°C
Power Dissipation
ƒ
2.0
W
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
EAS (6 sigma)
Single Pulse Avalanche Energy
…
50
mJ
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
• Co-Pack Dual N-channel HEXFET® Power MOSFET
and Schottky Diode
• Ideal for Synchronous Buck DC-DC
Converters Up to 11A Peak Output
• Low Conduction Losses
• Low Switching Losses
• Low Vf Schottky Rectifier
• Lead-Free
Dual FETKY
™
Co-Packaged Dual MOSFET Plus Schottky Diode
Description
The FETKYfamily of Co-Pack HEXFET®MOSFETs and Schottky diodes offers the designer an innovative, board space
saving solution for switching regulator and power management applications. Advanced HEXFET®MOSFETs combined
with low forward drop Schottky results in an extremely efficient device suitable for a wide variety of portable electronics
applications.
The SO-14 has been modified through a customized leadframe for enhanced thermal characteristics and multiple die
capability making it ideal in a variety of power applications. With these improvements multiple devices can be used in an
application with dramatically reduced board space. Internal connections enable easier board layout design with reduced
stray inductance.
IRF7335D1PbF
08/16/06
Device Ratings (Typ.Values)
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
20
RθJA
Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
Notes
 through … are on page 12
PD- 95272
Q1
Q2
R
DS(on)
13.4 m
9.6 m
Q
G
13 nC
18 nC
Q
sw
5.5 nC
6.4 nC
V
SD
1.0V
0.43V
and Schottky
D1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D1
G1
S2
S2
S2
G2
S1, D2
S1, D2
S1, D2
S1, D2
S1, D2
S1, D2
S1, D2
Q1
Q2


Numéro de pièce similaire - IRF7335D1PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
More results

Description similaire - IRF7335D1PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7901D1 IRF-IRF7901D1 Datasheet
256Kb / 8P
   Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com