Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C6000GDP200 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TMP320C6000GDP200
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6000GDP200 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP320C6000GDP200 Datasheet HTML 7Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 8Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 9Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 10Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 11Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 12Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 13Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 14Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C67x
t DSPs (including the TMS320C6713 device) compose the floating-point DSP generation
in the TMS320C6000
t DSP platform. The C6713 device is based on the high-performance, advanced
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making this DSP an
excellent choice for multichannel and multifunction applications.
Operating at 225 MHz, the C6713 delivers up to 1350 million floating-point operations per second (MFLOPS),
1800 million instructions per second (MIPS), and with dual fixed-/floating-point multipliers up to 450 million
multiply-accumulate operations per second (MMACS).
The C6713 uses a two-level cache-based architecture and has a powerful and diverse set of peripherals. The
Level 1 program cache (L1P) is a 4K-Byte direct-mapped cache and the Level 1 data cache (L1D) is a 4K-Byte
2-way set-associative cache. The Level 2 memory/cache (L2) consists of a 256K-Byte memory space that is
shared between program and data space. 64K Bytes of the 256K Bytes in L2 memory can be configured as
mapped memory, cache, or combinations of the two. The remaining 192K Bytes in L2 serves as mapped SRAM.
The C6713 has a rich peripheral set that includes two Multichannel Audio Serial Ports (McASPs), two
Multichannel Buffered Serial Ports (McBSPs), two Inter-Integrated Circuit (I2C) buses, one dedicated
General-Purpose Input/Output (GPIO) module, two general-purpose timers, a host-port interface (HPI), and a
glueless external memory interface (EMIF) capable of interfacing to SDRAM, SBSRAM, and asynchronous
peripherals.
The two McASP interface modules each support one transmit and one receive clock zone. Each of the McASP
has eight serial data pins which can be individually allocated to any of the two zones. The serial port supports
time-division multiplexing on each pin from 2 to 32 time slots. The C6713 has sufficient bandwidth to support
all 16 serial data pins transmitting a 192 kHz stereo signal. Serial data in each zone may be transmitted and
received on multiple serial data pins simultaneously and formatted in a multitude of variations on the Philips
Inter-IC Sound (I2S) format.
In addition, the McASP transmitter may be programmed to output multiple S/PDIF, IEC60958, AES-3, CP-430
encoded data channels simultaneously, with a single RAM containing the full implementation of user data and
channel status fields.
The McASP also provides extensive error-checking and recovery features, such as the bad clock detection
circuit for each high-frequency master clock which verifies that the master clock is within a programmed
frequency range.
The two I2C ports on the TMS320C6713 allow the DSP to easily control peripheral devices and communicate
with a host processor. In addition, the standard multichannel buffered serial port (McBSP) may be used to
communicate with serial peripheral interface (SPI) mode peripheral devices.
The TMS320C6713 device has two bootmodes: from the HPI or from external asynchronous ROM. For more
detailed information, see the bootmode section of this data sheet.
The TMS320C67x DSP generation is supported by the TI eXpressDSP
t set of industry benchmark
development tools, including a highly optimizing C/C++ Compiler, the Code Composer Studio
t Integrated
Development Environment (IDE), JTAG-based emulation and real-time debugging, and the DSP/BIOS
t
kernel.
TMS320C6000, eXpressDSP, Code Composer Studio, and DSP/BIOS are trademarks of Texas Instruments.
† Throughout the remainder of this document, the TMS320C6713 shall be referred to as C6713 or 13.


Numéro de pièce similaire - TMP320C6000GDP200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP320C6201GFN100 TI-TMP320C6201GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GFNA100 TI-TMP320C6201GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GGP100 TI-TMP320C6201GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GGP120 TI-TMP320C6201GGP120 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GGPA100 TI-TMP320C6201GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Description similaire - TMP320C6000GDP200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com