Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CZ Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce TL431CZ
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TL431CZ Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TL431CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 9Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 10Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 11Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
TYPICAL PERFORMANCE CHARACTERISTICS
† Data is applicable only within the recommended operating free-air
† Data is applicable only within the recommended operating free-air
temperature ranges of the various devices.
temperature ranges of the various devices.
Figure 8.
Figure 9.
Figure 10.
Jan. 2007 - Rev 1.0
HTC
8
0
OFF-STATE CATHODE CURRENT
vs FREE-AIR TEMPERATURE†
0.5
1
1.5
2
2.5
VKA=36
V
-75
-50
-25
0
25
50
75
100
125
TA-FREE-AIR TEMPERATURE-℃
-1.45
RATIO DELTA REFERENCE VOLTAGE TO
DELTA CATHODE VOLTAGE vs
FREE-AIR TEMPERATURE †
-1.25
-1.15
-1.05
-0.95
-0.85
VKA=3V TO 36V
-75
-50
-25
0
25
50
75
100
125
TA-FREE-AIR TEMPERATURE-℃
100
EQUIVALENT INPUT NOISE VOLTAGE
VS FREQUENCY
120
140
160
180
200
220
240
260
IO=10㎃
TA=25℃
10
100
1K
10K
100K
f-FREQUENCY-㎐
-1.35


Numéro de pièce similaire - TL431CZ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
logo
Analog Intergrations Co...
TL431CZ AIC-TL431CZ Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
HTC Korea TAEJIN Techno...
TL431CZ HTC-TL431CZ Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
STMicroelectronics
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
174Kb / 15P
   Programmable voltage reference
More results

Description similaire - TL431CZ

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com