Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40211DGQR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40211DGQR
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40211DGQR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS40211DGQR Datasheet HTML 6Page - Texas Instruments TPS40211DGQR Datasheet HTML 7Page - Texas Instruments TPS40211DGQR Datasheet HTML 8Page - Texas Instruments TPS40211DGQR Datasheet HTML 9Page - Texas Instruments TPS40211DGQR Datasheet HTML 10Page - Texas Instruments TPS40211DGQR Datasheet HTML 11Page - Texas Instruments TPS40211DGQR Datasheet HTML 12Page - Texas Instruments TPS40211DGQR Datasheet HTML 13Page - Texas Instruments TPS40211DGQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.ti.com
DEVICE INFORMATION
1
6
5
10
2
3
7
4
8
9
FB
RC
COMP
DIS/EN
SS
GND
VDD
ISNS
GDRV
BP
DGQ PowerPAD PACKAGE
(Top View)
FB
RC
COMP
DIS/EN
SS
5
4
3
2
1
1
6
7
8
9
10
GND
VDD
ISNS
GDRV
BP
DRC SURFACE MOUNT PACKAGE
(Top View)
TPS40210, TPS40211
SLUS772 – MARCH 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
COMP
4
O
Error amplifier output. Connect control loop compensation network between COMP pin and FB pin.
Disable pin. Pulling this pin high, places the part into a shutdown mode. Shutdown mode is characterized by
a very low quiescent current. While in shutdown mode, the functionality of all blocks is disabled and the BP
DIS/EN
3
I
regulator is shut down. This pin has an internal 1-M
Ω pull-down resistor to GND. Leaving this pin
unconnected enables the device.
Error amplifier inverting input. Connect a voltage divider from the output to this pin to set output voltage.
FB
5
I
Compensation network is connected between this pin and COMP.
GDRV
8
O
Connect the gate of the power N channel MOSFET to this pin.
GND
6
-
Device ground.
Current sense pin. Connect an external current sensing resistor between this pin and GND. The voltage on
this pin is used to provide current feedback in the control loop and detect an overcurrent condition. An
ISNS
7
I
overcurrent condition is declared when ISNS pin voltage exceeds the overcurrent threshold voltage, 150 mV
typical.
Switching frequency setting pin. Connect capacitor from RC pin to GND. Connect a resistor from RC pin
RC
1
I
toVDD of the IC power supply and a capacitor from RC to GND.
Soft-start time programming pin. Connect capacitor from SS pin to GND to program converter soft-start time.
SS
2
I
This pin also functions as a timeout timer when the power supply is in an overcurrent condition.
BP
9
O
Regulator output pin. Connect a 1.0-
µF bypass capacitor from this pin to GND.
System input voltage. Connect a local bypass capacitor from this pin to GND. Depending on the amount of
VDD
10
I
required slope compensation, this pin can be connected to the converter output. See Application Information
section for additional details.
DGQ PowerPAD PACKAGE
DRC PACKAGE
(TOP VIEW)
(TOP VIEW)
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS40210 TPS40211


Numéro de pièce similaire - TPS40211DGQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40211DGQR TI-TPS40211DGQR Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQR TI-TPS40211DGQR Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQR TI1-TPS40211DGQR Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQRG4 TI-TPS40211DGQRG4 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQRG4 TI1-TPS40211DGQRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Description similaire - TPS40211DGQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com