Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCS8204 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TPCS8204
Description  Lithium Ion Battery Applications Field Effect Transistor Silicon N Channel MOS Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8204 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TPCS8204 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8204 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8204 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8204 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8204 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8204 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8204 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8204
2004-07-06
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = 20 V, VGS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
20
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −12 V
8
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 200 µA
0.5
1.2
V
VGS = 2.0 V, ID = 4.2 A
24
35
VGS = 2.5 V, ID = 4.2 A
18
22
Drain-source ON resistance
RDS (ON)
VGS = 4.0 V, ID = 4.8 A
13
17
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3.0 A
7.5
15
S
Input capacitance
Ciss
2160
Reverse transfer capacitance
Crss
210
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
230
pF
Rise time
tr
5
Turn-ON time
ton
13
Fall time
tf
10
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
53
ns
Total gate charge
(gate-source plus gate-drain)
Qg
22
Gate-source charge 1
Qgs1
4
Gate-drain (“miller”) charge
Qgd
VDD ∼− 16 V, VGS = 5 V, ID = 6 A
5
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
24
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
−1.2
V
VDD ∼− 10 V
0 V
VGS
5 V
ID = 3 A
VOUT


Numéro de pièce similaire - TPCS8204

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Description similaire - TPCS8204

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
   SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7