Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3306-20-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS3306-20-Q1
Description  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-20-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS3306-20-Q1 Datasheet HTML 3Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 4Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 5Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 6Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 7Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 8Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 9Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 10Page - Texas Instruments TPS3306-20-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241A − MARCH 2004 − REVISED JUNE 2006
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.7 V to 6 V, IOL = 20 µA
0.2
VOL
Low-level output voltage
RESET,
PFO
VDD = 3.3 V,
IOL = 2 mA
0.4
V
OL
PFO
VDD = 6 V,
IOL = 3 mA
0.4
Power-up reset voltage (see Note 2)
VDD ≥ 1.1 V,
IOL = 20 µA
0.4
V
1.35
1.4
1.44
1.62
1.68
1.74
Negative-going input threshold voltage
VSENSE1,
VDD = 2.7 V to 6 V,
1.79
1.85
1.91
VIT
Negative-going input threshold voltage
(see Note 3)
VSENSE1,
VSENSE2
VDD = 2.7 V to 6 V,
TA = −40°C to 125°C
2.18
2.25
2.34
V
VIT
(see Note 3)
VSENSE2
TA = −40°C to 125°C
2.84
2.93
3.04
V
4.44
4.55
4.68
PFI
1.2
1.25
1.3
PFI
VIT = 1.25 V
10
VIT = 1.4 V
15
VIT = 1.68 V
15
Vhys
Hysteresis
VSENSEn
VIT = 1.86 V
20
mV
Vhys
Hysteresis
VSENSEn
VIT = 2.25 V
20
mV
VIT = 2.93 V
30
VIT = 4.55 V
40
IH(AV) Average high-level input current
WDI
WDI = VDD = 6 V,
Time average (dc = 88%)
100
150
µA
IL(AV)
Average low-level input current
WDI
WDI = 0 V,
VDD = 6 V,
Time average (dc = 12%)
−15
−20
µA
WDI
WDI = VDD = 6 V
120
170
IH
High-level input current
SENSE1
VSENSE1 = VDD = 6 V
5
10
µA
IH
High-level input current
SENSE2
VSENSE2 = VDD = 6 V
6
10
µA
IL
Low-level input current
WDI
WDI = 0 V,
VDD = 6 V
−120
−170
µA
II
Input current
PFI
VDD = 6 V, 0 V ≤ VI ≤ VDD
−30
30
nA
IDD
Supply current
15
40
µA
Ci
Input capacitance
VI = 0 V to VDD
10
pF
NOTES:
2. The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic 0.1
µF) should be placed close to the supply terminals.
timing requirements at VDD = 2.7 V to 6 V, RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw
Pulse width
SENSEn
VSENSEnL = VIT − 0.2 V,
VSENSEnH = VIT + 0.2 V
6
µs
tw
Pulse width
WDI
VIH = 0.7 × VDD,VIL = 0.3 × VDD
100
ns


Numéro de pièce similaire - TPS3306-20-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3306-20 TI-TPS3306-20 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-20 TI-TPS3306-20 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-20 TI1-TPS3306-20 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
TPS3306-20 TI1-TPS3306-20 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-20 TI1-TPS3306-20 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Description similaire - TPS3306-20-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com