Moteur de recherche de fiches techniques de composants électroniques |
|
L7809CD2T Fiches technique(PDF) 7 Page - STMicroelectronics |
|
L7809CD2T Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 34 page L7800 SERIES 7/34 Table 7: Electrical Characteristics Of L7812 (refer to the test circuits, TJ = -55 to 150°C, VI = 19V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Table 8: Electrical Characteristics Of L7815 (refer to the test circuits, TJ = -55 to 150°C, VI = 23V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 11.5 12 12.5 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 15.5 to 27 V 11.4 12 12.6 V ∆V O(*) Line Regulation VI = 14.5 to 30 V TJ = 25°C 120 mV VI = 16 to 22 V TJ = 25°C 60 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 100 mV IO = 250 to 750 mA TJ = 25°C 60 Id Quiescent Current TJ = 25°C 6 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 15 to 30 V 0.8 ∆V O/∆T Output Voltage Drift IO = 5 mA 1.5 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV/V O SVR Supply Voltage Rejection VI = 15 to 25 V f = 120Hz 61 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 2.5 V RO Output Resistance f = 1 KHz 18 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.75 1.2 A Iscp Short Circuit Peak Current TJ = 25°C 1.3 2.2 3.3 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 14.4 15 15.6 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 18.5 to 30 V 14.25 15 15.75 V ∆V O(*) Line Regulation VI = 17.5 to 30 V TJ = 25°C 150 mV VI = 20 to 26 V TJ = 25°C 75 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 150 mV IO = 250 to 750 mA TJ = 25°C 75 Id Quiescent Current TJ = 25°C 6 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 18.5 to 30 V 0.8 ∆V O/∆T Output Voltage Drift IO = 5 mA 1.8 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV/V O SVR Supply Voltage Rejection VI = 18.5 to 28.5 V f = 120Hz 60 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 2.5 V RO Output Resistance f = 1 KHz 19 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.75 1.2 A Iscp Short Circuit Peak Current TJ = 25°C 1.3 2.2 3.3 A |
Numéro de pièce similaire - L7809CD2T |
|
Description similaire - L7809CD2T |