Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC4075PWTE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
CD74HC4075PWTE4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 17 page 6 Power Dissipation Capacitance (Notes 3, 4) CPD -5 - 26 - - - - - pF HCT TYPES Propagation Delay, Input to Output (Figure 2) tPLH, tPHL CL = 50pF 4.5 - - 24 - 30 - 36 ns CL = 15pF 5 - 9 - - - - - ns Transition Times (Figure 2) tTLH, tTHL CL = 50pF 4.5 - - 15 - 19 - 22 ns Input Capacitance CIN - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD -5 - 28 - - - - - pF NOTES: 3. CPD is used to determine the dynamic power consumption, per gate. 4. PD = VCC 2 f i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX Test Circuits and Waveforms FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA- TION DELAY TIMES, COMBINATION LOGIC FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% tPHL tPLH tTHL tTLH 2.7V 1.3V 0.3V 1.3V 10% INVERTING OUTPUT INPUT GND 3V tr = 6ns tf = 6ns 90% |
Numéro de pièce similaire - CD74HC4075PWTE4 |
|
Description similaire - CD74HC4075PWTE4 |