Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3661TLX-1.35 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3661TLX-1.35
Description  450mA Subminiature, Micropower Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3661TLX-1.35 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3661TLX-1.35 Datasheet HTML 5Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 6Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 7Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 8Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 9Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 10Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 11Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 12Page - National Semiconductor (TI) LM3661TLX-1.35 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Performance Characteristics (Circuit in Fig.2, PV
IN =VDD = EN=3.6V, TA = 25˚C, unless
otherwise noted) (Continued)
Efficiency vs. Output Current
(PWM MODE, I
SEL =L,VOUT = 1.35V)
PWM Load Transient Response
(I
SEL=L, VIN = 3.6V, VOUT = 1.35V)
20098823
20098824
LDO Load Transient Response
(V
IN =3.6V&VOUT = 1.35V)
PWM Line Transient Response
20098838
20098839
PWM Start-up Respsonse
(V
IN =3.6V&VOUT = 1.05V)
PWM Start-up Respsonse
(V
IN =3.6V&VOUT = 1.35V)
20098825
20098826
www.national.com
9


Numéro de pièce similaire - LM3661TLX-1.35

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3661 NSC-LM3661 Datasheet
154Kb / 6P
   LM3361A Low Voltage/Power Narrow Band FM IF System
LM3661AM NSC-LM3661AM Datasheet
154Kb / 6P
   LM3361A Low Voltage/Power Narrow Band FM IF System
More results

Description similaire - LM3661TLX-1.35

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com