Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3503SQ-44 Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3503SQ-44
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503SQ-44 Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3503SQ-44 Datasheet HTML 4Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 5Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 6Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 7Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 8Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 9Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 10Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 11Page - National Semiconductor (TI) LM3503SQ-44 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Detailed Description of Operation
The LM3503 utilizes an asynchronous current mode pulse-
width-modulation (PWM) control scheme to regulate the
feedback voltage over specified load conditions. The DC/DC
converter behaves as a controlled current source for white
LED applications. The operation can best be understood by
referring to the block diagram in Figure 1 for the following
operational explanation. At the start of each cycle, the oscil-
lator sets the driver logic and turns on the internal NMOS
power device, N1, conducting current through the inductor
and reverse biasing the external diode. The white LED cur-
rent is supplied by the output capacitor when the internal
NMOS power device, N1, is turned on. The sum of the error
amplifier’s output voltage and an internal voltage ramp are
compared with the sensed power NMOS, N1, switch voltage.
Once these voltages are equal, the PWM comparator will
then reset the driver logic, thus turning off the internal NMOS
power device, N1, and forward biasing the external diode.
The inductor current then flows through the diode to the
white LED load and output capacitor. The inductor current
recharges the output capacitor and supplies the current for
the white LED load. The oscillator then sets the driver logic
again repeating the process. The output voltage of the error
amplifier controls the current through the inductor. This volt-
age will increase for larger loads and decrease for smaller
loads limiting the peak current in the inductor and minimizing
EMI radiation. The duty limit comparator is always opera-
tional, it prevents the internal NMOS power switch, N1, from
being on for more than one oscillator cycle and conducting
large amounts of current. The light load comparator allows
the LM3503 to properly regulate light/small white LED load
currents,
where
regulation
becomes
difficult
for
the
LM3503’s primary control loop. Under light load conditions,
the LM3503 will enter into a pulse skipping pulse-frequency-
mode (PFM) of operation where the operational frequency
will vary with the load. As a result of PFM mode operation,
the output voltage ripple magnitude will significantly in-
crease.
The LM3503 has two control pins, En1 and En2, used for
selecting which segment of a single white LED string net-
work is active for dual display applications. En1 controls the
main display (MAIN) segment of the single string white LED
network between pins V
OUT1 and VOUT2. En2 controls the
sub display (SUB) segment of the single string white LED
network between the V
OUT2 and Fb. If both VEn1 and VEn2
are
≤ 0.3V, the LM3503 will shutdown, for further description
of the En1 and En2 operation, see Figure 3. During shut-
down the output capacitor discharges through the string of
white LEDs and feedback resistor to ground. The LED cur-
rent can be dynamically controlled by a DC voltage on the
Cntrl pin. When V
Cntrl = 0V the white LED current may not be
equal to zero because of offsets within the LM3503 internal
circuitry. To guarantee zero white LED current the LM3503
must be in shutdown mode operation.
The LM3503 has dedicated protection circuitry active during
normal operation to protect the integrated circuit (IC) and
external components. Soft start circuitry is present in the
LM3503 to allow for slowly increasing the current limit to its
steady-state value to prevent undesired high inrush current
during start up. Thermal shutdown circuitry turns off the
internal NMOS power device, N1, when the internal semi-
conductor junction temperature reaches excessive levels.
The LM3503 has a under-voltage protection (UVP) compara-
tor that disables the internal NMOS power device when
battery voltages are too low, thus preventing an on state
where the internal NMOS power device conducts large
amounts of current. The over-voltage protection (OVP) com-
parator prevents the output voltage from increasing beyond
the protection limit when the white LED string network is
removed or if there is a white LED failure. OVP allows for the
use of low profile ceramic capacitors at the output. The
current through the internal NMOS power device, N1, is
monitored to prevent peak inductor currents from damaging
the IC. If during a cycle (cycle=1/switching frequency) the
peak inductor current exceeds the current limit for the
LM3503, the internal NMOS power device will be turned off
for the remaining duration of that cycle.
20128605
FIGURE 2. Operational Characteristics Table
www.national.com
8


Numéro de pièce similaire - LM3503SQ-44

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3503SQ-44 NSC-LM3503SQ-44 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQ-44 TI1-LM3503SQ-44 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-44/NOPB TI1-LM3503SQ-44/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Description similaire - LM3503SQ-44

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com