Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3488 Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488 Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3488_05 Datasheet HTML 6Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 7Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 8Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 9Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 10Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 11Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 12Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 13Page - National Semiconductor (TI) LM3488_05 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Functional Block Diagram
10138806
Functional Description
The LM3488 uses a fixed frequency, Pulse Width Modulated
(PWM), current mode control architecture. In a typical appli-
cation circuit, the peak current through the external MOS-
FET is sensed through an external sense resistor. The volt-
age across this resistor is fed into the I
SEN pin. This voltage
is then level shifted and fed into the positive input of the
PWM comparator. The output voltage is also sensed through
an external feedback resistor divider network and fed into
the error amplifier negative input (feedback pin, FB). The
output of the error amplifier (COMP pin) is added to the slope
compensation ramp and fed into the negative input of the
PWM comparator.
At the start of any switching cycle, the oscillator sets the RS
latch using the SET/Blank-out and switch logic blocks. This
forces a high signal on the DR pin (gate of the external
MOSFET) and the external MOSFET turns on. When the
voltage on the positive input of the PWM comparator ex-
ceeds the negative input, the RS latch is reset and the
external MOSFET turns off.
The voltage sensed across the sense resistor generally
contains spurious noise spikes, as shown in Figure 1. These
spikes can force the PWM comparator to reset the RS latch
prematurely. To prevent these spikes from resetting the
latch, a blank-out circuit inside the IC prevents the PWM
comparator from resetting the latch for a short duration after
the latch is set. This duration is about 150ns and is called the
blank-out time.
Under extremely light load or no-load conditions, the energy
delivered to the output capacitor when the external MOSFET
is on during the blank-out time is more than what is delivered
to the load. An over-voltage comparator inside the LM3488
prevents the output voltage from rising under these condi-
tions. The over-voltage comparator senses the feedback (FB
pin) voltage and resets the RS latch under these conditions.
The latch remains in reset state till the output decays to the
nominal value.
www.national.com
10


Numéro de pièce similaire - LM3488_05

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results

Description similaire - LM3488_05

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com