Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3224MMX-ADJ Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3224MMX-ADJ
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224MMX-ADJ Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LM3224MMX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM3224
615kHz/1.25MHz Step-up PWM DC/DC Converter
General Description
The LM3224 is a step-up DC/DC converter with a 0.15
(typ.), 2.45A (typ.) internal switch and pin selectable operat-
ing frequency. With the ability to convert 3.3V to multiple
outputs of 8V, -8V, and 23V, the LM3224 is an ideal part for
biasing TFT displays. With the high current switch it is also
ideal for driving high current white LEDs for flash applica-
tions. The LM3224 can be operated at switching frequencies
of 615kHz and 1.25MHz allowing for easy filtering and low
noise. An external compensation pin gives the user flexibility
in setting frequency compensation, which makes possible
the use of small, low ESR ceramic capacitors at the output.
An external soft-start pin allows the user to control the
amount of inrush current during start up. The LM3224 is
available in a low profile 8-lead MSOP package.
Features
n
Operating voltage range of 2.7V to 7V
n
615kHz/1.25MHz pin selectable frequency operation
n
Over temperature protection
n
Optional soft-start function
n
8-Lead MSOP package
Applications
n
TFT Bias Supplies
n
Handheld Devices
n
Portable Applications
n
GSM/CDMA Phones
n
Digital Cameras
n
White LED Flash/Torch Applications
Typical Application Circuit
20097631
September 2005
© 2005 National Semiconductor Corporation
DS200976
www.national.com


Numéro de pièce similaire - LM3224MMX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3224MMX-ADJ NSC-LM3224MMX-ADJ Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224MMX-ADJ/NOPB TI-LM3224MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
More results

Description similaire - LM3224MMX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224 TI-LM3224_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com