Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3224MMX-ADJ Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3224MMX-ADJ
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224MMX-ADJ Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM3224MMX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Block Diagram
20097603
General Description
The LM3224 utilizes a PWM control scheme to regulate the
output voltage over all load conditions. The operation can
best be understood referring to the block diagram and Figure
1 of the Operation section. At the start of each cycle, the
oscillator sets the driver logic and turns on the NMOS power
device conducting current through the inductor, cycle 1 of
Figure 1 (a). During this cycle, the voltage at the V
C pin
controls the peak inductor current. The V
C voltage will in-
crease with larger loads and decrease with smaller. This
voltage is compared with the summation of the SW voltage
and the ramp compensation. The ramp compensation is
used in PWM architectures to eliminate the sub-harmonic
oscillations that occur during duty cycles greater than 50%.
Once the summation of the ramp compensation and switch
voltage equals the V
C voltage, the PWM comparator resets
the driver logic turning off the NMOS power device. The
inductor current then flows through the schottky diode to the
load and output capacitor, cycle 2 of Figure 1 (b). The NMOS
power device is then set by the oscillator at the end of the
period and current flows through the NMOS power device
once again.
The LM3224 has dedicated protection circuitry running dur-
ing normal operation to protect the IC. The Thermal Shut-
down circuitry turns off the NMOS power device when the
die temperature reaches excessive levels. The UVP com-
parator protects the NMOS power device during supply
power startup and shutdown to prevent operation at voltages
less than the minimum input voltage. The OVP comparator is
used to prevent the output voltage from rising at no loads
allowing full PWM operation over all load conditions. The
LM3224 also features a shutdown mode decreasing the
supply current to 0.1µA (typ.).
www.national.com
3


Numéro de pièce similaire - LM3224MMX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3224MMX-ADJ NSC-LM3224MMX-ADJ Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224MMX-ADJ/NOPB TI-LM3224MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
More results

Description similaire - LM3224MMX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224 TI-LM3224_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com