Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54212IRUZ-T Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL54212IRUZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54212IRUZ-T Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL54212IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54212IRUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6556.0
September 18, 2007
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
FIGURE 3. AUDIO RON TEST CIRCUIT
FIGURE 4. USB RON TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
VDD
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
VIN
IN
COMx
RL
CL
VOUT
10pF
50
Ω
D- or D+
L or R
VDD
GND
VINPUT
C
CTRL
VDD
C
VDD
L OR R
COMx
IN
GND
VL OR R
V1
RON = V1/100mA
100mA
Repeat test for all switches.
CTRL
VDD
C
0V
D- OR D+
COMx
IN
GND
VD- OR D+
V1
RON = V1/40mA
40mA
Repeat test for all switches.
CTRL
ISL54212


Numéro de pièce similaire - ISL54212IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54212IRUZ-T RENESAS-ISL54212IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Description similaire - ISL54212IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com