Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54051_0709 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL54051_0709
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54051_0709 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL54051_0709 Datasheet HTML 2Page - Intersil Corporation ISL54051_0709 Datasheet HTML 3Page - Intersil Corporation ISL54051_0709 Datasheet HTML 4Page - Intersil Corporation ISL54051_0709 Datasheet HTML 5Page - Intersil Corporation ISL54051_0709 Datasheet HTML 6Page - Intersil Corporation ISL54051_0709 Datasheet HTML 7Page - Intersil Corporation ISL54051_0709 Datasheet HTML 8Page - Intersil Corporation ISL54051_0709 Datasheet HTML 9Page - Intersil Corporation ISL54051_0709 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6459.2
September 25, 2007
Detailed Description
The ISL54051 and ISL54052 are bidirectional, single
pole/single throw (SPST) analog switches. They offer
precise switching capability from a single 1.8V to 5.5V
supply with low ON-resistance and high speed operation.
With a single supply of 5V the typical ON-resistance is only
0.8
Ω, with a typical turn-on and turn-off time of: tON = 24ns,
tOFF = 10ns. The devices are especially well suited for
portable battery powered equipment due to their low
operating supply voltage (1.8V), low power consumption
(5.5
μW), low leakage currents (300nA max) and tiny μTDFN
package.
The ISL54051 is a single normally open (NO) SPST analog
switch. The ISL54052 is a single normally closed (NC) SPST
analog switch.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents,
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to GND (see
Figure 6). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and the input signal
voltages must remain between V+ and GND. If these
conditions cannot be guaranteed, then one of the following
two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
Ω
resistor in series with the input (see Figure 6). The resistor
limits the input current below the threshold that produces
permanent damage, and the sub-microamp input current
produces an insignificant voltage drop during normal
operation.
FIGURE 3. OFF ISOLATION TEST CIRCUIT
FIGURE 4. rON TEST CIRCUIT
FIGURE 5. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR V+
NO or NC
COM
IN
GND
V+
C
VINL OR VINH
NO or NC
COM
IN
GND
VNX
V1
rON = V1/100mA
100mA
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
VINL OR VINH
ISL54051, ISL54052


Numéro de pièce similaire - ISL54051_0709

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54051IHZ-T INTERSIL-ISL54051IHZ-T Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IHZ-T INTERSIL-ISL54051IHZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051IHZ-T RENESAS-ISL54051IHZ-T Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
More results

Description similaire - ISL54051_0709

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com