Moteur de recherche de fiches techniques de composants électroniques |
|
ISL54050IRUZ-T Fiches technique(PDF) 5 Page - Intersil Corporation |
|
ISL54050IRUZ-T Fiches technique(HTML) 5 Page - Intersil Corporation |
5 / 12 page 5 FN6356.2 June 11, 2007 Turn-OFF Time, tOFF V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF, (See Figure 1) 25 27 ns Full 35 ns Break-Before-Make Time Delay, tD V+ = 3.3V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF, (See Figure 3) Full 9 ns Charge Injection, Q CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2) 25 94 pC OFF Isolation RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS, (See Figure 4) 25 62 dB Crosstalk (Channel-to-Channel) RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS, (See Figure 6) 25 -85 dB Total Harmonic Distortion f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω 25 0.005 % NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7) 25 65 pF COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7) 25 181 pF POWER SUPPLY CHARACTERISTICS Positive Supply Current, I+ V+ = +3.6V, VIN = 0V or V+ 25 0.01 μA Full 0.52 μA DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL 25 0.5 V Input Voltage High, VINH 25 1.4 V Input Current, IINH, IINL V+ = 3.3V, VIN = 0V or V+ Full -0.5 0.5 μA Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Notes 4, 8), Unless Otherwise Specified. PARAMETER TEST CONDITIONS TEMP (°C) MIN (Note 5) TYP MAX (Note 5) UNITS ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG Full 0 V+ V ON-Resistance, rON V+ = 1.65V, ICOM = 100mA, VNO or VNC = 0V to V+, (See Figure 5) 25 0.7 0.8 Ω Full 0.85 Ω DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF, (See Figure 1) 25 70 ns Full 80 ns Turn-OFF Time, tOFF V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF, (See Figure 1) 25 54 ns Full 65 ns Break-Before-Make Time Delay, td V+ = 2.0V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF, (See Figure 3) Full 10 ns Charge Injection, Q CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2) 25 42 pC NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7) 25 70 pF COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7) 25 186 pF DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL 25 0.4 V Input Voltage High, VINH 25 1.0 V Input Current, IINH, IINL V+ = 2.0V, VIN = 0V or V+ Full -0.5 0.5 μA Electrical Specifications - 3V Supply Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 8), Unless Otherwise Specified. (Continued) PARAMETER TEST CONDITIONS TEMP (°C) MIN (Note 5) TYP MAX (Note 5) UNITS ISL54050 |
Numéro de pièce similaire - ISL54050IRUZ-T |
|
Description similaire - ISL54050IRUZ-T |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |