Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2651MTC-2.5 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2651MTC-2.5
Description  1.5A High Efficiency Synchronous Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2651MTC-2.5 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM2651MTC-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
All Output Voltage Versions (Continued)
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over full operating junction tem-
perature range. V
IN =10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
Limit
Units
V
EAL
Error Amplifier Output Swing
Lower Limit
1.25
1.35/1.50
V
V(max)
V
D
Body Diode Voltage
I
DIODE = 1.5A
1
V
f
OSC
Oscillator Frequency
V
IN = 4V
300
280/255
330/345
kHz
kHz(min)
kHz(max)
D
MAX
Maximum Duty Cycle
V
IN =4V
95
92
%
%(min)
I
SS
Soft-Start Current
Voltage at the SS pin = 1.4V
11
7
14
µA
µA(min)
µA(max)
I
SHUTDOWN
Shutdown Pin Current
Shutdown Pin Pulled Low
2.2
0.8/0.5
3.7/4.0
µA
µA(min)
µA(max)
v
SHUTDOWN
Shutdown Pin Threshold
Voltage
Falling Edge
0.6
0.3
0.9
V
V(min)
V(max)
T
SD
Thermal Shutdown
Temperature
165
˚C
T
SD_HYST
Thermal Shutdown Hysteresis
Temperature
25
˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is
intended to be functional, but device parameter specifications may not be guaranteed under these conditions. For guaranteed specifications and test conditions, see
the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is calculated by using PDmax =(TJmax −TA)/θJA , where TJmax is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package. The 893 mW rating results from using 150˚C, 25˚C, and
140˚C/W for TJmax,TA, and θJA respectively. A θJA of 140˚C/W represents the worst-case condition of no heat sinking of the 16-pin TSSOP package. Heat sinking
allows the safe dissipation of more power. The Absolute Maximum power dissipation must be derated by 7.14mW per ˚C above 25˚C ambient. The LM2651 actively
limits its junction temperature to about 165˚C.
Note 3: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: All limits are guaranteed at room temperature (standard typeface) and at temperature extremes (boldface type ). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
www.national.com
5


Numéro de pièce similaire - LM2651MTC-2.5

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Description similaire - LM2651MTC-2.5

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com