Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28273INEVAL1Z Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL28273INEVAL1Z
Description  Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28273INEVAL1Z Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL28273INEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28273INEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN6260.4
August 3, 2007
EG
Gain Error
ISL28270, ISL28470
RL = 100kΩ to VCM
+0.5
%
ISL28273
+0.12
%
VOUT
Maximum Voltage Swing
Output low, 100k
Ω to 2.5V
4
10
mV
Output low, 1k
Ω to 2.5V
130
250
300
mV
Output high, 100k
Ω to 2.5V
4.990
4.996
V
Output high, 1k
Ω to GND
4.75
4.70
4.88
V
IS,EN
Supply Current, Enabled
ISL28270, ISL28273 - Both A and B Channels
enabled, EN =V-
120
156
195
µA
ISL28470 - A, B, C and D Channels enabled,
EN = V-
260
335
µA
IS,DIS
Supply Current, Disabled
ISL28270, ISL28273- Both A and B Channels
disabled, EN =V+
47
9
µA
ISL28470 - A, B, C and D Channels disabled,
EN = V+
10
12
15
µA
VENH
EN Pin for Shut-down
2
V
VENL
EN Pin for Power-On
0.8
V
IENH
EN Input Current High
EN = V+
0.8
1
1.3
µA
IENL
EN Input Current Low
EN = V-
26
50
100
nA
VSUPPLY
Supply Operating Range
V+ to V- (Note 2)
2.4
5.5
V
ISC
Short Circuit Output Current
V+ = 5V, RLOAD = 10Ω
±20
±18
±29
mA
AC SPECIFICATIONS
SR
Slew Rate
RL = 1kΩ to GND, ISL28270, ISL28470
0.3
0.25
0.5
0.7
0.75
V/µs
RL = 1kΩ to GND, ISL28273
0.35
0.3
0.6
0.75
0.8
-3dB BW
-3dB Bandwidth
ISL28270, ISL28470
Gain = 100
240
kHz
Gain = 200
84
kHz
Gain = 500
30
kHz
Gain = 1000
13
kHz
ISL28273
Gain = 10
265
kHz
Gain = 20
100
kHz
Gain = 50
25
kHz
Gain = 100
13
kHz
eN
Input Noise Voltage
ISL28270, ISL28470
f = 0.1Hz to 10Hz
3.5
µVP-P
ISL28273
3.5
µVP-P
Input Noise Voltage Density
ISL28270, ISL28470
fo = 1kHz
60
nV/
√Hz
ISL28273
210
nV/
√Hz
Electrical Specifications
V+ = +5V, V- = 0V VCM = 1/2V+, VEN = V-, RL = Open, TA = +25°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
ISL28270, ISL28273, ISL28470


Numéro de pièce similaire - ISL28273INEVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28273INEVAL1Z INTERSIL-ISL28273INEVAL1Z Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28273INEVAL1Z RENESAS-ISL28273INEVAL1Z Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
More results

Description similaire - ISL28273INEVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com