Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28194FHZ-T7 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL28194FHZ-T7
Description  Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28194FHZ-T7 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL28194FHZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28194FHZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6236.3
October 9, 2007
FIGURE 11. ISL28194 OUTPUT SHORT CIRCUIT CURRENT
FIGURE 12. ISL28195 OUTPUT SHORT CIRCUIT CURRENT
FIGURE 13. ISL28194 SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 14. ISL28195 SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 15. ISL28194 LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 16. ISL28195 LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, Unless Otherwise Specified. (Continued)
0
2
4
6
8
10
12
14
16
18
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOURCE
SINK
SUPPLY VOLTAGE (V)
V+ = 5V
RL = 10Ω
AV = +1
0
2
4
6
8
10
12
14
16
18
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOURCE
SINK
SUPPLY VOLTAGE (V)
V+ = 5V
RL = 10Ω
AV = +1
-0.007
-0.005
-0.003
-0.001
0.001
0.003
0.005
0.007
-3.00E-04 -1.00E-04 1.00E-04 3.00E-04 5.00E-04 7.00E-04 9.00E-04
OUTPUT
V+, V- = ±2.5V
RL = 10k
AV = +1
VOUT = 10mVP-P
INPUT
TIME (ms)
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
3.50E-04
4.50E-04
5.50E-04
6.50E-04
7.50E-04
8.50E-04
OUTPUT
V+, V- = ±2.5V
RL = 10k
AV = +1
VOUT = 10mVP-P
INPUT
TIME (ms)
-3
-2
-1
0
1
2
3
-2.0 -10
0
10
20
30
40
50
60
70
80
LARGE SIGNAL
TIME (ms)
V+, V- = ±2.5V
RL = 10k
AV = +1
-3
-2
-1
0
1
2
3
-8
-6
-4
-2
0
2
4
LARGE SIGNAL
TIME (ms)
V+, V- = ±2.5V
RL = 10k
AV = +1
ISL28194, ISL28195


Numéro de pièce similaire - ISL28194FHZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28194FHZ-T7 INTERSIL-ISL28194FHZ-T7 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194FHZ-T7 RENESAS-ISL28194FHZ-T7 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
More results

Description similaire - ISL28194FHZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28196 INTERSIL-ISL28196 Datasheet
337Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Linear Technology
LT6003 LINER-LT6003 Datasheet
291Kb / 20P
   1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Dimensions Semic...
LT6003CDC-TRMPBF LINEAR_DIMENSIONS-LT6003CDC-TRMPBF Datasheet
1Mb / 20P
   1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com