Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2586SX-3.3 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2586SX-3.3
Description  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586SX-3.3 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2586SX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2586SX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Electrical Characteristics (Continued)
LM2586-ADJ (Continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
COMMON DEVICE PARAMETERS for all versions (Note 5)
θ
JA
Thermal Resistance
T Package, Junction to Ambient
(Note 11)
65
˚C/W
θ
JA
T Package, Junction to Ambient
(Note 12)
45
θ
JC
T Package, Junction to Case
2
θ
JA
S Package, Junction to Ambient
(Note 13)
56
θ
JA
S Package, Junction to Ambient
(Note 14)
35
θ
JA
S Package, Junction to Ambient
(Note 15)
26
θ
JC
S Package, Junction to Case
2
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. These ratings apply when the current is limited to less than
1.2 mA for pins 1, 2, 3, and 6. Operating ratings indicate conditions for which the device is intended to be functional, but device parameter specifications may not
be guaranteed under these conditions. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Note that switch current and output current are not identical in a step-up regulator. Output current cannot be internally limited when the LM2586 is used as
a step-up regulator. To prevent damage to the switch, the output current must be externally limited to 3A. However, output current is internally limited when the
LM2586 is used as a flyback regulator (see the Application Hints section for more information).
Note 3: The junction temperature of the device (TJ) is a function of the ambient temperature (TA), the junction-to-ambient thermal resistance (θJA), and the power
dissipation of the device (PD). A thermal shutdown will occur if the temperature exceeds the maximum junction temperature of the device: PD x θJA +TA(MAX)
TJ(MAX). For a safe thermal design, check that the maximum power dissipated by the device is less than: PD ≤ [TJ(MAX) −TA(MAX)]/θJA. When calculating the
maximum allowable power dissipation, derate the maximum junction temperature — this ensures a margin of safety in the thermal design.
Note 4: External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the LM2586 is used as
shown in Figures 1, 2, system performance will be as specified by the system parameters.
Note 5: All room temperature limits are 100% production tested, and all limits at temperature extremes are guaranteed via correlation using standard Statistical
Quality Control (SQC) methods.
Note 6: A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
Note 7: To measure this parameter, the feedback voltage is set to a low value, depending on the output version of the device, to force the error amplifier output high
and the switch on.
Note 8: To measure this parameter, the feedback voltage is set to a high value, depending on the output version of the device, to force the error amplifier output
low and the switch off.
Note 9: To measure the worst-case error amplifier output current, the LM2586 is tested with the feedback voltage set to its low value (Note 7) and at its high value
(Note 8).
Note 10: When testing the minimum value, do not sink current from this pin — isolate it with a diode. If current is drawn from this pin, the frequency adjust circuit
will begin operation (see Figure 41).
Note 11: Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with 12 inch leads in a socket, or on a
PC board with minimum copper area.
Note 12: Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with 12 inch leads soldered to a PC board
containing approximately 4 square inches of (1 oz.) copper area surrounding the leads.
Note 13: Junction to ambient thermal resistance for the 7 lead TO-263 mounted horizontally against a PC board area of 0.136 square inches (the same size as the
TO-263 package) of 1 oz. (0.0014 in. thick) copper.
Note 14: Junction to ambient thermal resistance for the 7 lead TO-263 mounted horizontally against a PC board area of 0.4896 square inches (3.6 times the area
of the TO-263 package) of 1 oz. (0.0014 in. thick) copper.
Note 15: Junction to ambient thermal resistance for the 7 lead TO-263 mounted horizontally against a PC board copper area of 1.0064 square inches (7.4 times
the area of the TO-263 package) of 1 oz. (0.0014 in. thick) copper. Additional copper area will reduce thermal resistance further. See the thermal modelin Switchers
Made Simple® software.
www.national.com
6


Numéro de pièce similaire - LM2586SX-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2586SX-3.3 NSC-LM2586SX-3.3 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586SX-3.3 TI-LM2586SX-3.3 Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586SX-3.3/NOPB TI1-LM2586SX-3.3/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results

Description similaire - LM2586SX-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com