Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA2015W Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce KTA2015W
Description  PNP Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KTA2015W Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KTA2015W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KTA2015W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KTA2015W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited KTA2015W Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor
KTA2015W
Document number: BL/SSSTF048
www.galaxycn.com
Rev.A
1
FEATURES
Power dissipation.(PC=100mW)
Excellent hFE Linearity.
Complementary to KTC4076.
Small package.
APPLICATIONS
General purpose application and switching application.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
KTA2015W
ZO/ZY
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Dissipation
100
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
Pb
Lead-free


Numéro de pièce similaire - KTA2015W

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA2015 KEC-KTA2015 Datasheet
245Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Weitron Technology
KTA2015 WEITRON-KTA2015 Datasheet
94Kb / 2P
   PNP General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTA2015 HTSEMI-KTA2015 Datasheet
516Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA2015 WINNERJOIN-KTA2015 Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
KTA2015 BILIN-KTA2015 Datasheet
191Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Description similaire - KTA2015W

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com