Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT449 Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce FMMT449
Description  NPN Silicon Planar Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FMMT449 Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  FMMT449 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FMMT449 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited FMMT449 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited FMMT449 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Planar Medium Power Transistor
FMMT449
Document number: BL/SSSTC051
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
B
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=40V,IE=0
VCB=40V,IE=0Tamb=100℃
0.1
10
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
μA
VCE=2V,IC=50mA
70
VCE=2V,IC=500mA
100
300
VCE=2V,IC=1A
80
DC current gain
hFE
VCE=2V,IC=2A
40
Collector-emitter saturation voltage
VCE(sat)
IC=1A, IB= 100mA
B
IC=2A, IB= 200mA
B
0.5
1.0
V
Base-emitter saturation voltage
VBE(sat)
IC=1A, IB= 100mA
B
1.25
V
Base-emitter turn-on voltage
VBE(on)
IC=1A,VCE=2V
1.0
V
Transition frequency
fT
VCE=10V, IC= 50mA
f=100MHz
150
MHz
Output capacitance
Cobo
VCB=10V,f=1MHz
15
pF


Numéro de pièce similaire - FMMT449

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FMMT449 ZETEX-FMMT449 Datasheet
120Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT449 FAIRCHILD-FMMT449 Datasheet
194Kb / 6P
   NPN Low Saturation Transistor
logo
Guangdong Kexin Industr...
FMMT449 KEXIN-FMMT449 Datasheet
36Kb / 1P
   Medium Power Transistor
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
FMMT449 HTSEMI-FMMT449 Datasheet
365Kb / 1P
   TRANSISTOR (NPN)
More results

Description similaire - FMMT449

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
ZT91 SEME-LAB-ZT91_01 Datasheet
52Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com