Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1393272-6 Fiches technique(PDF) 6 Page - Tyco Electronics

No de pièce 3-1393272-6
Description  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393272-6 Fiches technique(HTML) 6 Page - Tyco Electronics

  3-1393272-6 Datasheet HTML 1Page - Tyco Electronics 3-1393272-6 Datasheet HTML 2Page - Tyco Electronics 3-1393272-6 Datasheet HTML 3Page - Tyco Electronics 3-1393272-6 Datasheet HTML 4Page - Tyco Electronics 3-1393272-6 Datasheet HTML 5Page - Tyco Electronics 3-1393272-6 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
105
Catalog 1308028
Issued 01-05
Ordering information
Coil versions
Standard delivery packs (orders in multiples of delivery pack)
Mini K open:
600 pieces
Mini K sealed:
504 pieces
Coil
Rated coil
Coil resistance
Must
Must
Allowable overdrive 1)
data for
voltage
+/- 10%
operate voltage
release voltage
voltage (V)
Mini K
(V)
(
Ω)
(V)
(V)
at 23 °C
at 85 °C
Open and sealed V23072-**061-****
12
130
6.9
1.2
19.2
14.9
V23072-**062-****
24
520
14.1
2.4
38.4
29.8
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Terminals
Relay part number
Tyco order number
arrangement
material
V23072-A1061-A303
3-1393272-2
Form C
AgNi0.15
Open
Printed circuit
V23072-A1062-A303
5-1393272-2
Form C
AgNi0.15
Open
Printed circuit
V23072-A1061-A308
3-1393272-6
Form U, X
AgNi0.15
Open
Printed circuit
V23072-A1062-A308
5-1393272-3
Form U, X
AgNi0.15
Open
Printed circuit
V23072-C1061-A302
4-1393273-9
Form A
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A302
7-1393273-6
Form A
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A303
5-1393273-0
Form C
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A303
7-1393273-8
Form C
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A308
6-1393273-0
Form U, X
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A308
8-1393273-2
Form U, X
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A402
2-1416001-0
Form A
AgSnO2
Sealed
Printed circuit
V23072-C1061-A408
1-1416001-4
Form U, X
AgSnO2
Sealed
Printed circuit


Numéro de pièce similaire - 3-1393272-6

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1393277-7 MACOM-3-1393277-7 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
3-1393277-7 MACOM-3-1393277-7 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results

Description similaire - 3-1393272-6

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
V23201 MACOM-V23201 Datasheet
420Kb / 5P
   Power Relay PK2 (THT ??THR) Single Relays PCB Relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
1393278-7 MACOM-1393278-7 Datasheet
653Kb / 4P
   Power Relay K (Open ??Sealed)
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com