Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL41387IRZ Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL41387IRZ
Description  짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387IRZ Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL41387IRZ Datasheet HTML 7Page - Intersil Corporation ISL41387IRZ Datasheet HTML 8Page - Intersil Corporation ISL41387IRZ Datasheet HTML 9Page - Intersil Corporation ISL41387IRZ Datasheet HTML 10Page - Intersil Corporation ISL41387IRZ Datasheet HTML 11Page - Intersil Corporation ISL41387IRZ Datasheet HTML 12Page - Intersil Corporation ISL41387IRZ Datasheet HTML 13Page - Intersil Corporation ISL41387IRZ Datasheet HTML 14Page - Intersil Corporation ISL41387IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
FN6201.3
November 21, 2007
Test Circuits and Waveforms
FIGURE 1. RS-485 DRIVER VOD AND VOC TEST CIRCUIT
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RS-485 DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. RS-485 DRIVER ENABLE AND DISABLE TIMES
D
DEN
DY
VCC
VOD
VOC
R
R
Y
Z
RD
VCM
+
-
D
DEN
DY
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Y
Z
CL = 100pF
OUT (Z)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Y)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Z - Y)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DY
SKEW = |tPLH (Y OR Z) - tPHL (Z OR Y)|
0V
0V
tDHL
tDLH
D
DEN
DY
CL
500
Ω
Y
Z
VCC
GND
SW
SIGNAL
GENERATOR
FOR SHDN TESTS, SWITCH ON AND DEN L- H SIMULTANEOUSLY
PARAMETER OUTPUT
RXEN
DY
SW
CL (pF)
tHZ
Y/Z
X
0/1
GND
15
tLZ
Y/Z
X
1/0
VCC
15
tZH
Y/Z
X
0/1
GND
100
tZL
Y/Z
X
1/0
VCC
100
tZH(SHDN)
Y/Z
0
0/1
GND
100
tZL(SHDN)
Y/Z
0
1/0
VCC
100
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DEN
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZH(SHDN)
tZL(SHDN)
ENABLED
ISL81387, ISL41387


Numéro de pièce similaire - ISL41387IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL41387IRZ INTERSIL-ISL41387IRZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL41387IRZ RENESAS-ISL41387IRZ Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL41387IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com