Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28246FBZ-T7 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL28246FBZ-T7
Description  5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28246FBZ-T7 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL28246FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28246FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6321.2
February 11, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
110
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
115
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
6 Ld SOT-23
-600
-650
-120
400
450
µV
Input Offset Voltage vs Temperature
0.3
µV/°C
IOS
Input Offset Current
-10
-15
010
15
nA
IB
Input Bias Current
-10
-15
16
35
40
nA
CMIR
Common-Mode Voltage Range
Guaranteed by CMRR
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
90
85
114
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5.5V
90
85
99
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4V, RL = 100kΩ to VCM
600
500
1770
V/mV
VO = 0.5V to 4V, RL = 1kΩ to VCM
140
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ to VCM
36
10
mV
Output low, RL = 1kΩ to VCM
70
90
110
mV
Output high, RL = 100kΩ to VCM
4.99
4.98
4.994
mV
Output high, RL = 1kΩ to VCM
4.92
4.89
4.94
V
IS,ON
Supply Current, Enabled
0.8
0.5
0.95
1.1
1.4
mA
IS,OFF
Supply Current, Disabled
10
14
16
µA
IO+
Short-Circuit Output Source Current
RL = 10Ω to VCM
48
45
56
mA
ΔV
OS
ΔT
----------------
ISL28146, ISL28246


Numéro de pièce similaire - ISL28246FBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28246FBZ-T7 INTERSIL-ISL28246FBZ-T7 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Description similaire - ISL28246FBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com