Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GZF33C Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce GZF33C
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GZF33C Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  GZF33C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GZF33C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited GZF33C Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.0
0.2
2.8
0.1
1.8
0.1
0.05
0.30
0.98
0.1
Cathode Band
Top View
3.7
0.2
0.60
0.25
5
FEATURES
◇ Silicon planar power zener diodes.
◇ Low leakage current
◇ Low profile surface mount package.
◇ High temperature soldering:
260℃/10 sec.at terminals.
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic
◇ Terminals: Solderable per MIL-
STD-202,Method 208
◇ Polarity: Color band denotes cathods end
◇ Mounting position: any
Parameter
Power dissipation at T
A=25℃ (Note 1)
Forward voltage @IF=200mA
Maximum thermal resistance
junction to ambient
Junction temperature
Storage temperature range
1)Mounted on epoxy glass PCB with 3×3mm,Cu pads(≥40
µm thick)
Document Number 02840
36
1.
Unit
Value
800
mW
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
VF
ZENER DIODES
◇ Weight: 0.006 ounces, 0.02 grams
VZ :
3.6 -- 91 V
POWER DISSIPATION:
800 mW
SOD-123FL
RθJA
180
BL
GALAXY ELECTRICAL
GZF3V6C---GZF91C
-55 to +150
TSTG
TJ
-55 to +150
Symbol
Ptot
www.galaxycn.com
1.2
V
K/W
BLGALAXYELECTRICAL


Numéro de pièce similaire - GZF33C

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
GZF33C LUGUANG-GZF33C Datasheet
187Kb / 3P
   Zener Diodes
logo
Vishay Siliconix
GZF33C VISHAY-GZF33C Datasheet
146Kb / 6P
   Zener Diodes
Rev. 1.7, 28-Jan-04
logo
Galaxy Semi-Conductor H...
GZF33C BILIN-GZF33C Datasheet
247Kb / 5P
   ZENER DIODES
More results

Description similaire - GZF33C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com