Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6269 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L6269
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6269 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L6269 Datasheet HTML 5Page - STMicroelectronics L6269 Datasheet HTML 6Page - STMicroelectronics L6269 Datasheet HTML 7Page - STMicroelectronics L6269 Datasheet HTML 8Page - STMicroelectronics L6269 Datasheet HTML 9Page - STMicroelectronics L6269 Datasheet HTML 10Page - STMicroelectronics L6269 Datasheet HTML 11Page - STMicroelectronics L6269 Datasheet HTML 12Page - STMicroelectronics L6269 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
INTERNAL REGISTER DEFINITION
VCM DAC (High and Low) Registers
Bit 0 through 5 of the VCM DAC (High) Registers and bit 0 through 7 of the VCM DAC (Low) Registers
control the absolute value of the voice coil current. Bit is the sign bit, controlling the current direction. All
the 13 bits are part of a resistor divider network.
Note. It is required to write on register 1 to make effective changes on register 0.
Reg:
Name:
Type:
Address:
1
VCM DAC (Low) Registers
Write only
1Eh
BIT
LABEL
DESCRIPTION
0
VDAC BIT0
LSB resistor ladder of the 14 bit VCM DAC
1
VDAC BIT1
VCM DAC bit 1
2
VDAC BIT2
VCM DAC bit2
3
VDAC BIT3
VCM DAC bit3
4
VDAC BIT4
VCM DAC bit4
5
VDAC BIT5
VCM DAC bit5
6
VDAC BIT6
VCM DAC bit6
7
VDAC BIT7
VCM DAC bit7
Reg:
Name:
Type:
Address:
2
Spindle Control Register
Write only
2Eh
BIT
LABEL
DESCRIPTION
0
INCRE_SEQ
A 0 to 1 transition of this bit increments the spindle Sequencer.
1
START_UP
1 = Spindle Internal start up, 0 = Spindle External start up
2
R_SEQ
Reset Spindle sequencer. 1 = Reset sequencer to phase 1.
3
RUN
1 = Start Spindle ALIGN & GO, 0 = Reset Spindle control logic.
4
SPIN_EN
Enable Spindle section. 1 = Enable, 0 = Disable.
5
MEC/ELEC
Specifies electrical or mechanical cycle for Spindle FLL control.
1=Electrical, 0 = Mechanical.
6
PWM/LINEAR
Selects Spindle PWM or Linear Output Current Control. 1 = PWM,
0=Linear.
7
EXT/INT
External or internal Spindle loop feedback. 1 = external feedback
via index pin.
L6269
9/17


Numéro de pièce similaire - L6269

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results

Description similaire - L6269

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com