Moteur de recherche de fiches techniques de composants électroniques |
|
AD8513ARU-REEL Fiches technique(PDF) 3 Page - Analog Devices |
|
AD8513ARU-REEL Fiches technique(HTML) 3 Page - Analog Devices |
3 / 20 page AD8510/AD8512/AD8513 Rev. H | Page 3 of 20 SPECIFICATIONS @ VS = ±5 V, VCM = 0 V, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage (B Grade)1 VOS 0.08 0.4 mV −40°C < TA < +125°C 0.8 mV Offset Voltage (A Grade) VOS 0.1 0.9 mV −40°C < TA < +125°C 1.8 mV Input Bias Current IB 21 75 pA −40°C < TA < +85°C 0.7 nA −40°C < TA < +125°C 7.5 nA Input Offset Current IOS 5 50 pA −40°C < TA < +85°C 0.3 nA −40°C < TA < +125°C 0.5 nA Input Capacitance Differential 12.5 pF Common Mode 11.5 pF Input Voltage Range −2.0 +2.5 V Common-Mode Rejection Ratio CMRR VCM = −2.0 V to +2.5 V 86 100 dB Large-Signal Voltage Gain AVO RL = 2 kΩ, VO = −3 V to +3 V 65 107 V/mV Offset Voltage Drift (B Grade)1 ΔVOS/ΔT 0.9 5 μV/°C Offset Voltage Drift (A Grade) ΔVOS/ΔT 1.7 12 μV/°C OUTPUT CHARACTERISTICS Output Voltage High VOH RL = 10 kΩ 4.1 4.3 V Output Voltage Low VOL RL = 10 kΩ, −40°C < TA < +125°C −4.9 −4.7 V Output Voltage High VOH RL = 2 kΩ 3.9 4.2 V Output Voltage Low VOL RL = 2 kΩ, −40°C < TA < +125°C −4.9 −4.5 V Output Voltage High VOH RL = 600 Ω 3.7 4.1 V Output Voltage Low VOL RL = 600 Ω, −40°C < TA < +125°C −4.8 −4.2 V Output Current IOUT ±40 ±54 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = ±4.5 V to ±18 V 86 130 dB Supply Current/Amplifier ISY AD8510/AD8512/AD8513 VO = 0 V 2.0 2.3 mA AD8510/AD8512 −40°C < TA < +125°C 2.5 mA AD8513 −40°C < TA < +125°C 2.75 mA DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ 20 V/μs Gain Bandwidth Product GBP 8 MHz Settling Time tS To 0.1%, 0 V to 4 V step, G = +1 0.4 μs Total Harmonic Distortion (THD) + Noise THD + N 1 kHz, G = +1, RL = 2 kΩ 0.0005 % Phase Margin φM 44.5 Degrees NOISE PERFORMANCE Voltage Noise Density en f = 10 Hz 34 nV/√Hz f = 100 Hz 12 nV/√Hz f = 1 kHz 8.0 10 nV/√Hz f = 10 kHz 7.6 nV/√Hz Peak-to-Peak Voltage Noise en p-p 0.1 Hz to 10 Hz bandwidth 2.4 5.2 μV p-p 1 AD8510/AD8512 only. |
Numéro de pièce similaire - AD8513ARU-REEL |
|
Description similaire - AD8513ARU-REEL |