Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD828 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD828
Description  Dual, Low Power Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD828 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD828_02 Datasheet HTML 2Page - Analog Devices AD828_02 Datasheet HTML 3Page - Analog Devices AD828_02 Datasheet HTML 4Page - Analog Devices AD828_02 Datasheet HTML 5Page - Analog Devices AD828_02 Datasheet HTML 6Page - Analog Devices AD828_02 Datasheet HTML 7Page - Analog Devices AD828_02 Datasheet HTML 8Page - Analog Devices AD828_02 Datasheet HTML 9Page - Analog Devices AD828_02 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
–6–
AD828
140
60
1k
10M
120
80
10k
100
100k
1M
FREQUENCY – Hz
TPC 13. Common-Mode Rejection vs. Frequency
30
10
0
100k
1M
100M
10M
20
FREQUENCY – Hz
RL = 1k
RL = 150
TPC 14. Large Signal Frequency Response
10
160
20
0
2
2
0
4
6
8
140
120
100
80
60
40
SETTLING TIME
ns
0.1%
1%
1%
0.01%
0.01%
0.1%
4
6
8
10
TPC 15. Output Swing and Error vs. Settling Time
–40
–100
10M
–70
–90
1k
–80
100
–50
–60
1M
100k
10k
FREQUENCY – Hz
VIN = 1V p-p
GAIN = +2
2ND HARMONIC
3RD HARMONIC
TPC 16. Harmonic Distortion vs. Frequency
50
0
10M
30
10
10
20
0
40
1M
100k
10k
1k
100
FREQUENCY – Hz
TPC 17. Input Voltage Noise Spectral Density vs.
Frequency
650
250
–60
140
550
350
–40
450
100
120
80
60
40
20
0
–20
TEMPERATURE – C
TPC 18. Slew Rate vs. Temperature


Numéro de pièce similaire - AD828_02

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8280 AD-AD8280 Datasheet
649Kb / 24P
   Lithium Ion Battery Safety Monitor
REV. C
AD8280-EVALZ AD-AD8280-EVALZ Datasheet
649Kb / 24P
   Lithium Ion Battery Safety Monitor
REV. C
AD8280WASTZ AD-AD8280WASTZ Datasheet
649Kb / 24P
   Lithium Ion Battery Safety Monitor
REV. C
AD8280WASTZ-RL AD-AD8280WASTZ-RL Datasheet
649Kb / 24P
   Lithium Ion Battery Safety Monitor
REV. C
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
More results

Description similaire - AD828_02

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com