Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD712JR Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD712JR
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD712JR Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD712JR Datasheet HTML 5Page - Analog Devices AD712JR Datasheet HTML 6Page - Analog Devices AD712JR Datasheet HTML 7Page - Analog Devices AD712JR Datasheet HTML 8Page - Analog Devices AD712JR Datasheet HTML 9Page - Analog Devices AD712JR Datasheet HTML 10Page - Analog Devices AD712JR Datasheet HTML 11Page - Analog Devices AD712JR Datasheet HTML 12Page - Analog Devices AD712JR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD712
Rev. G | Page 9 of 20
25
15
20
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 20. Slew Rate vs. Temperature
OUTPUT
100pF
2kΩ
INPUT
+VS
0.1µF
0.1µF
–VS
8
4
1/2
AD712
+
Figure 21. THD Test Circuit
VOUT
20kΩ
2.2kΩ
20V p-p
5kΩ
5kΩ
1
2
3
4
5
6
7
8
1/2
AD712
+VS
VIN
CROSSTALK = 20 log
VOUT
10VIN
1/2
AD712
–VS
Figure 22. Crosstalk Test Circuit
VOUT
CL
100pF
RL
2kΩ
+VS
0.1µF
0.1µF
–VS
8
4
1/2
AD712
VIN
SQUARE
WAVE
INPUT
Figure 23. Unity-Gain Follower
100
90
10
0%
1µs
5V
Figure 24. Unity-Gain Follower Pulse Response (Large Signal)
100ns
50mV
100
10
0%
90
Figure 25. Unity-Gain Follower Pulse Response (Small Signal)


Numéro de pièce similaire - AD712JR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD712JR AD-AD712JR Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712JR-REEL AD-AD712JR-REEL Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712JR-REEL7 AD-AD712JR-REEL7 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
More results

Description similaire - AD712JR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com