Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLQ-K10 Fiches technique(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

No de pièce SLQ-K10
Description  90쨘 HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SLQ-K10 Fiches technique(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SLQ-K10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SLQ-K10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SLQ-K10 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SLQ-K10 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
500 - 1000 MHz
optimized bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SLQ-K10
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
data @ 25ºC
0
5
10
15
20
25
500
600
700
800
900
1000
Frequency (MHz)
S41
2.5
3.0
3.5
4.0
4.5
5.0
500
600
700
800
900
1000
Frequency (MHz)
S31
S21


Numéro de pièce similaire - SLQ-K10

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
SLQ-K01LF SYNERGY-SLQ-K01LF Datasheet
411Kb / 4P
   90쨘 HYBRID
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
SLQ-K07 SYNERGY-SLQ-K07 Datasheet
66Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 225 - 400 MHz
SLQ-K20 SYNERGY-SLQ-K20 Datasheet
495Kb / 4P
   90 HYBRID
More results

Description similaire - SLQ-K10

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C12 SYNERGY-SMQ-C12 Datasheet
264Kb / 4P
   90쨘 HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz
SMQ-C20 SYNERGY-SMQ-C20 Datasheet
344Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 52 - 88 MHz
SMQ-C23-02 SYNERGY-SMQ-C23-02 Datasheet
76Kb / 2P
   90쨘 HYBRID COUPLER OPTIMIZED BANDWIDTH 50 - 90 MHz
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C09 SYNERGY-SMQ-C09 Datasheet
342Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz
SMQ-CB1 SYNERGY-SMQ-CB1 Datasheet
356Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 2:1 bandwidth 7 - 14 MHz
SLQ-310 SYNERGY-SLQ-310 Datasheet
341Kb / 4P
   90쨘 HYBRID SURFACE 3:1 bandwidth 115 - 345 MHz
SLQ-67 SYNERGY-SLQ-67 Datasheet
105Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH Fc=450 MHz
SQ-67 SYNERGY-SQ-67 Datasheet
109Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz
SMJ-CA13 SYNERGY-SMJ-CA13 Datasheet
87Kb / 2P
   SURFACE MOUNT 180쨘 HYBRID WIDE BANDWIDTH 500 - 1500 MHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com