Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMQ-C20 Fiches technique(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

No de pièce SMQ-C20
Description  90쨘 HYBRID SURFACE MOUNT optimized bandwidth 52 - 88 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMQ-C20 Fiches technique(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  SMQ-C20 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMQ-C20 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SMQ-C20 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SMQ-C20 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52 - 88 MHz
optimized bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SMQ-C20
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
FEATURES:
excellent performance
Small Size, Surface mount
building block For:
- Power Amplifiers
- Image Rejection Mixers
- I & Q / SSB Modulators
- Phase Shifters & More...
SPECIFICATIONS (Rev. C 02/05/08)
Frequency
52 - 88 MHz
Insertion Loss (dB) *
Typ.
Max.
0.3
0.6
amplitude Unbalance
Typ.
Max.
0.2
0.6
Phase Unbalance (Deg.)
Typ.
Max.
1.0º
2.5º
Isolation (dB)
Typ.
Min.
23
18
power Rating
1 Watt (Max.)
impedance
50 Ohms (Nom.)
VSwR
1.1:1 (Typ.)
operating temperature Range
-40 to +85 °C
* Insertion loss in excess of the theoretical 3 dB coupling.
package #
129
Pin Configuration
input
Isolated*
+90º
output
output
GND.
no
Connection
5
6
1
2
7,8,9,10
3,4
* Terminate ISOLATED port in 50 Ohms EXTERNALLY.


Numéro de pièce similaire - SMQ-C20

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C21 SYNERGY-SMQ-C21 Datasheet
468Kb / 4P
   90쨘 HYBRID
SMQ-C23-02 SYNERGY-SMQ-C23-02 Datasheet
76Kb / 2P
   90쨘 HYBRID COUPLER OPTIMIZED BANDWIDTH 50 - 90 MHz
More results

Description similaire - SMQ-C20

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C12 SYNERGY-SMQ-C12 Datasheet
264Kb / 4P
   90쨘 HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz
SLQ-K10 SYNERGY-SLQ-K10 Datasheet
334Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz
SMQ-C23-02 SYNERGY-SMQ-C23-02 Datasheet
76Kb / 2P
   90쨘 HYBRID COUPLER OPTIMIZED BANDWIDTH 50 - 90 MHz
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C09 SYNERGY-SMQ-C09 Datasheet
342Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz
SMQ-CB1 SYNERGY-SMQ-CB1 Datasheet
356Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 2:1 bandwidth 7 - 14 MHz
SLQ-310 SYNERGY-SLQ-310 Datasheet
341Kb / 4P
   90쨘 HYBRID SURFACE 3:1 bandwidth 115 - 345 MHz
SLQ-67 SYNERGY-SLQ-67 Datasheet
105Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH Fc=450 MHz
SQ-67 SYNERGY-SQ-67 Datasheet
109Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz
DQS-15-150 SYNERGY-DQS-15-150 Datasheet
269Kb / 4P
   90쨘 HYBRID WIDE BANDWIDTH
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com