Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8674ARZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8674ARZ
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8674ARZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8674ARZ Datasheet HTML 2Page - Analog Devices AD8674ARZ Datasheet HTML 3Page - Analog Devices AD8674ARZ Datasheet HTML 4Page - Analog Devices AD8674ARZ Datasheet HTML 5Page - Analog Devices AD8674ARZ Datasheet HTML 6Page - Analog Devices AD8674ARZ Datasheet HTML 7Page - Analog Devices AD8674ARZ Datasheet HTML 8Page - Analog Devices AD8674ARZ Datasheet HTML 9Page - Analog Devices AD8674ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
4
8
12
16
20
24
28
32
0
0
1020
3040
5060
7080
90
100
VS = ±15V
Figure 7. Voltage Noise Density vs. Frequency
FREQUENCY (kHz)
0
4.5
9.0
13.5
18.0
22.5
27.0
31.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VS = ±15V
Figure 8. Voltage Noise Density vs. Frequency
FREQUENCY (kHz)
0
1
10
23
45
67
89
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
VS = ±15V
Figure 9. Voltage Noise Density vs. Frequency
0
5
10
15
20
25
30
35
40
45
–35
VOS (μV)
–25
–5
–15
0
45
–30
–20
–10
5
10 15 20 25 30 35 40
VS = ±5V
TA = 25°C
Figure 10. Input Offset Voltage Distribution
0
5
10
15
20
25
30
35
–35
VOS (μV)
–25
–5
–15
0
50
–30
–20
–10
5 10 15 20 25 30 35 40 45
VS = ±15V
TA = 25°C
Figure 11. Input Offset Voltage Distribution
6
7
8
9
10
11
12
13
14
15
16
TEMPERATURE (°C)
–40
85
25
125
VS = ±15V
VS = ±5V
Figure 12. Input Offset Voltage vs. Temperature


Numéro de pièce similaire - AD8674ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8674AR AD-AD8674AR Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8674ARU AD-AD8674ARU Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
More results

Description similaire - AD8674ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com