Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL15101ZCT-XXX Fiches technique(PDF) 5 Page - SpectraLinear Inc

No de pièce SL15101ZCT-XXX
Description  Programmable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15101ZCT-XXX Fiches technique(HTML) 5 Page - SpectraLinear Inc

  SL15101ZCT-XXX Datasheet HTML 1Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 2Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 3Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 4Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 5Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 6Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 7Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 8Page - SpectraLinear Inc SL15101ZCT-XXX Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Rev 1.8, August 10, 2007
Page 5 of 16
SL15101
Operating Supply Current
IDD
FIN=30MHz and all 4 clocks are
at 66MHz and +/-2.0% Spread
and CL=0
-
7.9
9.4
mA
Standby Current
ISBC
PD#=GND
-
70
90
A
Output Leakage Current
IOL
Pins 4, 6, 7 and 8 if
programmed as SSCLK or
REFOUT
-10
-
10
A
Minimum setting value
-
8
-
pF
Maximum setting value
-
40
-
pF
Programmable
Input Capacitance at
Pins 2 and 3
PCin
PCout
Resolution (programming steps)
-
0.5
-
pF
Input Capacitance
CIN2
Pins 4 and 8 if programmed as
PD#, OE, SSON or FS
-4
6
pF
Load Capacitance
CL
Pins 4, 6, 7 and 8 If
programmed as SSCLK or
REFCLK
-
-
15
pF
AC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +85 Deg C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Frequency Range
FIN1
Crystal or Ceramic Resonator
8
-
48
MHz
Input Frequency Range
FIN2
External Clock
8
-
166
MHz
Output Frequency Range FOUT1
SSCLK
3
-
200
MHz
Output Frequency Range FOUT2
REFCLK, crystal or resonator input
0.25
-
48
MHz
Output Frequency Range FOUT3
REFCLK, clock input
0.25
-
166
MHz
Output Duty Cycle
DC1
SSCLK
45
50
55
%
Output Duty Cycle
DC2
REFCLK , Xtal input
45
50
55
%
Output Duty Cycle
DC3
REFCLK, clock input
40
50
60
%
Input Duty Cycle
DCIN
Clock Input, Pin 3
40
50
60
%
Output Rise/Fall Time
tr/f1
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
4.00
4.80
ns
Output Rise/Fall Time
tr/f2
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
2.00
2.40
ns
Output Rise/Fall Time
tr/f3
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.40
1.70
ns
Output Rise/Fall Time
tr/f4
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.10
1.35
ns
Output Rise/Fall Time
tr/f5
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.85
1.00
ns
Output Rise/Fall Time
tr/f6
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.70
0.85
ns
Output Rise/Fall Time
tr/f7
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.55
0.67
ns


Numéro de pièce similaire - SL15101ZCT-XXX

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Microdiode Electronics ...
SL15100 CHENDA-SL15100 Datasheet
2Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL15100 LEIDITECH-SL15100 Datasheet
2Mb / 3P
   15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1510005-A AMETHERM-SL1510005-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
More results

Description similaire - SL15101ZCT-XXX

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com