Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF4006 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce UF4006
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

UF4006 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  UF4006 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited UF4006 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffusde junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012 ounces,0.34 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UF4002 UF4003 UF4004 UF4005 UF4006 UF4007 UNITS
Maximumrecurrent peak reverse voltage
VRRM
100
200
400
600
800
1000
V
MaximumRMS voltage
VRMS
70
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
100
200
400
600
800
1000
V
Maximumaverage forw ard rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximuminstantaneous forw ard voltage
@ 1.0A
VF
V
Maximumreverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximumreverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1.7
1.0
60
50
75
100.0
10.0
30.0
50
UF4001
35
50
1.0
3.Thermal resistance junction to ambient
A
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
- 55 ----- + 150
17
UF4001---UF4007
A
Easily cleaned with freon, alcohol,Isopropanol
z
and similar solvents
IF(AV)
ULTRA FAST RECTIFIER
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
1.0 A
DO - 41
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GALAXY ELECTRICAL
www.galaxycn.com
BL
Document Number 0264006
1.
BLGALAXY ELECTRICAL


Numéro de pièce similaire - UF4006

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
UF4006 WTE-UF4006 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4006 DGNJDZ-UF4006 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4006 TSC-UF4006 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Won-Top Electronics
UF4006 WTE-UF4006 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
logo
HY ELECTRONIC CORP.
UF4006 HY-UF4006 Datasheet
424Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
More results

Description similaire - UF4006

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com