Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXRS613BBGZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADXRS613BBGZ
Description  짹150째/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXRS613BBGZ Fiches technique(HTML) 1 Page - Analog Devices

  ADXRS613BBGZ Datasheet HTML 1Page - Analog Devices ADXRS613BBGZ Datasheet HTML 2Page - Analog Devices ADXRS613BBGZ Datasheet HTML 3Page - Analog Devices ADXRS613BBGZ Datasheet HTML 4Page - Analog Devices ADXRS613BBGZ Datasheet HTML 5Page - Analog Devices ADXRS613BBGZ Datasheet HTML 6Page - Analog Devices ADXRS613BBGZ Datasheet HTML 7Page - Analog Devices ADXRS613BBGZ Datasheet HTML 8Page - Analog Devices ADXRS613BBGZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
±150°/sec Yaw Rate Gyroscope
ADXRS613
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Complete rate gyroscope on a single chip
Z-axis (yaw rate) response
High vibration rejection over wide frequency
2000 g powered shock survivability
Ratiometric to referenced supply
5 V single-supply operation
105°C operation
Self-test on digital command
Ultrasmall and light (<0.15 cc, <0.5 gram)
Temperature sensor output
RoHS compliant
APPLICATIONS
Inertial measurement units
Platform stabilization
Robotics
GENERAL DESCRIPTION
The ADXRS613 is a complete angular rate sensor (gyroscope)
that uses the Analog Devices, Inc. surface-micromachining
process to create a functionally complete and low cost angular
rate sensor integrated with all required electronics on one chip.
The manufacturing technique for this device is the same high
volume BiMOS process used for high reliability automotive
airbag accelerometers.
The output signal, RATEOUT (1B, 2A), is a voltage proportional
to the angular rate about the axis that is normal to the top sur-
face of the package. The output is ratiometric with respect to a
provided reference supply. A single external resistor between
SUMJ and RATEOUT can be used to lower the scale factor. An
external capacitor sets the bandwidth. Other external capacitors
are required for operation.
A temperature output is provided for compensation techniques.
Two digital self-test inputs electromechanically excite the sensor
to test proper operation of both the sensor and the signal
conditioning circuits. The ADXRS613 is available in a 7 mm ×
7 mm × 3 mm BGA chip scale package.
FUNCTIONAL BLOCK DIAGRAM
VDD
AGND
PGND
AVCC
ST2 ST1
TEMP
VRATIO
CP1 CP2 CP3 CP4 CP5
SUMJ
RATEOUT
DEMOD
180kΩ ± 1%
22nF
100nF
22nF
100nF
100nF
100nF
DRIVE
AMP
MECHANICAL
SENSOR
CHARGE PUMP
AND VOLTAGE
REGULATOR
COUT
+5V
+5V
+5V
(ADC REF)
AC
AMP
VGA
25kΩ
@ 25°C
ADXRS613
25kΩ
SELF-TEST
Figure 1.


Numéro de pièce similaire - ADXRS613BBGZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ AD-ADXRS610BBGZ Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ-RL AD-ADXRS610BBGZ-RL Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results

Description similaire - ADXRS613BBGZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com