Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3003-EVALZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADV3003-EVALZ
Description  HDMI/DVI TMDS Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3003-EVALZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADV3003-EVALZ Datasheet HTML 5Page - Analog Devices ADV3003-EVALZ Datasheet HTML 6Page - Analog Devices ADV3003-EVALZ Datasheet HTML 7Page - Analog Devices ADV3003-EVALZ Datasheet HTML 8Page - Analog Devices ADV3003-EVALZ Datasheet HTML 9Page - Analog Devices ADV3003-EVALZ Datasheet HTML 10Page - Analog Devices ADV3003-EVALZ Datasheet HTML 11Page - Analog Devices ADV3003-EVALZ Datasheet HTML 12Page - Analog Devices ADV3003-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADV3003
Rev. 0 | Page 9 of 16
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
2.0
1.5
1.0
0.5
80
70
60
50
40
30
20
10
0
0
DIFFERENTIAL INPUT VOLTAGE SWING (V)
DJ p-p
RJ rms
Figure 20. Jitter vs. Differential Input Voltage Swing
85
60
35
10
–15
50
40
30
20
10
0
–40
TEMPERATURE (°C)
DJ p-p
RJ rms
Figure 21. Jitter vs. Temperature
100
80
60
40
20
0
–20
160
140
120
100
80
60
40
20
0
–40
TEMPERATURE (°C)
RISE
FALL
Figure 22. Rise and Fall Time vs. Temperature
3.7
3.3
3.5
3.1
2.9
2.7
50
45
35
40
30
25
20
15
10
5
0
2.5
INPUT COMMON-MODE VOLTAGE (V)
DJ p-p
RJ rms
Figure 23. Jitter vs. Input Common-Mode Voltage
100
80
60
40
20
0
–20
120
115
110
105
100
95
90
85
80
–40
TEMPERATURE (°C)
Figure 24. Differential Input Resistance vs. Temperature


Numéro de pièce similaire - ADV3003-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3003-EVALZ AD-ADV3003-EVALZ Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
More results

Description similaire - ADV3003-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com