Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8270 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8270
Description  Precision Dual-Channel, Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8270 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8270_08 Datasheet HTML 5Page - Analog Devices AD8270_08 Datasheet HTML 6Page - Analog Devices AD8270_08 Datasheet HTML 7Page - Analog Devices AD8270_08 Datasheet HTML 8Page - Analog Devices AD8270_08 Datasheet HTML 9Page - Analog Devices AD8270_08 Datasheet HTML 10Page - Analog Devices AD8270_08 Datasheet HTML 11Page - Analog Devices AD8270_08 Datasheet HTML 12Page - Analog Devices AD8270_08 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8270
Rev. 0 | Page 9 of 20
10
5
0
–5
–10
–15
–20
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 0.5
GAIN = 1
GAIN = 2
Figure 16. Gain vs. Frequency
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 2, 0.5
GAIN = 1
Figure 17. CMRR vs. Frequency
0
–20
–40
–60
–80
–100
–120
–140
10
100
1k
10k
100k
FREQUENCY (Hz)
CROSSTALK (G = 1)
Figure 18. Channel Separation vs. Frequency
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 19. Short-Circuit Current vs. Temperature
+VS
+VS – 2
+VS – 4
0
–VS + 2
–VS + 4
–VS
1k
200
10k
RLOAD (Ω)
+85°C
+125°C
+25°C
+25°C
–40°C
–40°C
+85°C
+125°C
Figure 20. Output Voltage Swing vs. RLOAD
0
2040
6080
10
–VS + 3
–VS
–VS + 6
+VS – 6
0
+
0
VS
+VS – 3
–40°C
–40°C
+85°C
+125°C
+25°C
+25°C
CURRENT (mA)
+85°C
+125°C
Figure 21. Output Voltage Swing vs. Current (IOUT)


Numéro de pièce similaire - AD8270_08

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8270ACPZ-R7 AD-AD8270ACPZ-R7 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-RL AD-AD8270ACPZ-RL Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-WP AD-AD8270ACPZ-WP Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
More results

Description similaire - AD8270_08

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com