Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5626BCPZ-REEL7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5626BCPZ-REEL7
Description  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5626BCPZ-REEL7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5626BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5626
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
5
0
10
100k
LOAD RESISTANCE (Ω)
100
1k
10k
4
3
2
1
VDD = 5V
TA = 25°C
RL TIED TO AGND
DATA = 0xFFF
RL TIED TO 5V
DATA = 0x000
Figure 5. Output Voltage vs. Load
100
0.0001
11
OUTPUT SINK CURRENT (µA)
000
10
100
10
0.1
1
0.01
0.001
+85°C
+25°C
–40°C
Figure 6. Output Pull-Down Voltage vs. Output Sink Current Capability
80
–60
OUTPUT VOLTAGE (V)
60
40
20
0
–20
–40
1.0
02.0
4.0
3.0
1.5
0.5
2.5
4.5
3.5
5.0
Figure 7. Short-Circuit Current
CH1 5.00V
CH2 100mV
M2.00ms
A CH1
210µV
1
Figure 8. Broadband Noise
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
05
LOGIC VOLTAGE VALUE (V)
.0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
4.5
Figure 9. Supply Current vs. Logic Input Voltage
80
–10
0
10
100k
FREQUENCY (Hz)
100
1k
10k
70
30
50
60
20
40
10
Figure 10. Power Supply Rejection vs. Frequency


Numéro de pièce similaire - AD5626BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
   LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

Description similaire - AD5626BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com