Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1984BJCPZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD1984BJCPZ
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1984BJCPZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD1984BJCPZ Datasheet HTML 3Page - Analog Devices AD1984BJCPZ Datasheet HTML 4Page - Analog Devices AD1984BJCPZ Datasheet HTML 5Page - Analog Devices AD1984BJCPZ Datasheet HTML 6Page - Analog Devices AD1984BJCPZ Datasheet HTML 7Page - Analog Devices AD1984BJCPZ Datasheet HTML 8Page - Analog Devices AD1984BJCPZ Datasheet HTML 9Page - Analog Devices AD1984BJCPZ Datasheet HTML 10Page - Analog Devices AD1984BJCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1984B
Rev. 0
|
Page 7 of 20
|
February 2008
HD–AUDIO LINK SPECIFICATION
High definition audio signals comply with the High Definition
Audio Specification. Please refer to these specifications at
www.intel.com/standards/hdaudio.
POWER-DOWN STATES
POWER SUPPLY
Analog (AVDD) 3.3 V ±5%
Power Supply Range
Power Dissipation
Supply Current
3.13
3.30
75.9
23
3.46
V
mW
mA
Digital (DVDD) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
141.9
43
3.63
V
mW
mA
Digital (DVDD) 1.7 through 1.9 V ±10%
Power Supply Range
Power Dissipation
Supply Current
1.615
1.70
61
36
1.995
V
mW
mA
Digital I/O (DVIO) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.3
1
3.63
V
mW
mA
Power Supply Rejection (Reference to fS 100 mV p-p Signal @ 1 kHz)
1
80
dB
1 Guaranteed but not tested.
Parameter
Min
Typ
Max
Unit
Parameter
IDVDD Typ (1.7 V)
IDVDD Typ (3.3 V)
IAVDD Typ
Unit
Function node in D0, All Nodes Active
36
43
23
mA
Function Node in D3
15.75
17
1
mA
Codec in RESET
33
3mA
Individual block power savings
DAC Pair Powered Down Saves (Each)
ADC Pair Powered Down Saves (Each)
Mixer Power Control (and Associated Amps) Saves
DM_CLK Powered Down Saves1
MIC_BIAS Powered Down Saves
2
1 Test conditions: 30 pF load, 2.0 MHz frequency, 3.3 V AVDD.
2 Powering down the MIC_BIAS powers down all port MIC_BIAS pins. This disables all microphone bias circuits set to 100% or 50%, setting them to the high-Z state. The
0 V and high-Z states remain unaffected by the MIC_BIAS power state.
4.5
4.5
0
0
0
6
6
0
0
0
5
3
2
1
0.1
mA
mA
mA
mA
mA


Numéro de pièce similaire - AD1984BJCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Description similaire - AD1984BJCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com