Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM36BZ Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BYM36BZ
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYM36BZ Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYM36BZ Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYM36BZ Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
Eas ily cleaned with Freon, Alcohol,Is opropanol
nn and s im ilar s olvents
MECHANICAL DATA
Cas e:JEDEC DO--27,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces ,1.15 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYM
36D
BYM
36E
BYM
36F
BYM
36G
UNITS
Maximum recurrent peak reverse voltage
VRRM
800
1000
1200
1400
V
Maximum RMS voltage
VRMS
560
700
840
980
V
Maximum DC blocking voltage
VDC
800
1000
1200
1400
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=0. 5A, I R=1A, I rr=0. 25A.
www.galaxycn.com
3. Thermal resistance f rom junction to am bient.
GALAXY ELECTRICAL
A
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
5.0
100.0
250
IF(AV)
1.57
A
IFSM
IR
-55 ---- + 150
-55 ---- + 150
150
22
32
200
100
BYM36A(Z)---BYM36G(Z)
DO - 27
200
200
140
200.0
600
BYM
36A
600
420
BYM
36B
3.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
400
280
VOLTAGE RANGE: 200 --- 1400 V
CURRENT: 3.0 A
FAST RECOVERY RECT IFIERS
BYM
36C
BL
BLGALAXY ELECTRICAL
Document Number 0261041
1.


Numéro de pièce similaire - BYM36BZ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYM36B PHILIPS-BYM36B Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Vishay Siliconix
BYM36B VISHAY-BYM36B Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36B VISHAY-BYM36B Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYM36B LUGUANG-BYM36B Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36B DSK-BYM36B Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Description similaire - BYM36BZ

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Changzhou Shunye Electr...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com