Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2859 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce 2SC2859
Description  Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC2859 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SC2859 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC2859 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC2859 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
2SC2859
Document number: BL/SSSTC100
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Power dissipation:PC=150mW.
Lead-free
APPLICATIONS
Audio frequency general purpose amplifier applications.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC2859
WO/WY/WG
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
150
mW
Tj,Tstg
Junction and Storage Temperature
-55~125


Numéro de pièce similaire - 2SC2859

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859 Datasheet
142Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2859 KEXIN-2SC2859 Datasheet
36Kb / 1P
   Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC2859 SECOS-2SC2859 Datasheet
108Kb / 1P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2859 HTSEMI-2SC2859 Datasheet
458Kb / 1P
   TRANSISTOR (NPN)
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859 Datasheet
141Kb / 3P
   Audio Frequency Low Power Amplifier Applications
More results

Description similaire - 2SC2859

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com