Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90614KSF-CBB Fiches technique(PDF) 5 Page - Melexis Microelectronic Systems

No de pièce MLX90614KSF-CBB
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614KSF-CBB Fiches technique(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90614KSF-CBB Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614KSF-CBB Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
6 Pin definitions and descriptions
Top view
4 - VSS
3 - VDD
2 - PWM/
SDA
1 - SCL/
Vz
Figure 2: Pin description
Pin Name
Function
VSS
Ground. The metal can is also connected to this pin.
SCL / Vz
Serial clock input for 2 wire communications protocol. 5.7V zener
is available at this pin for connection of external bipolar transistor
to MLX90614A to supply the device from external 8 -16V source.
PWM / SDA
Digital input / output. In normal mode the measured object
temperature is available at this pin Pulse Width Modulated.
In SMBus compatible mode automatically configured as open
drain NMOS.
VDD
External supply voltage.
Table 2: Pin description MLX90614
Note: for +12V (+8…+16V) powered operation refer to the Application information section. For EMC and
isothermal conditions reasons it is highly recommended not to use any electrical connection to the metal can
except by the Vss pin.
With the SCL/Vz and PWM/SDA pins operated in 2-wire interface mode, the input Schmidt trigger function is
automatically enabled.
3901090614
Page 5 of 40
Data Sheet
Rev 003
03/Oct/2007


Numéro de pièce similaire - MLX90614KSF-CBB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MLX90614KSF-CBB ETC2-MLX90614KSF-CBB Datasheet
808Kb / 40P
   Single and Dual Zone
More results

Description similaire - MLX90614KSF-CBB

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com