Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29013IROZ-T7 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL29013IROZ-T7
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29013IROZ-T7 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL29013IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6485.0
February 13, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . 3.6V
I2C Bus Pin Voltage (SCL, SDA) and INT . . . . . . . . . . -0.2V to 5.5V
I2C Bus Pin Current (SCL, SDA) . . . . . . . . . . . . . . . . . . . . . . <10mA
Rext Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
6 Lead ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 100kΩ, unless otherwise specified. Internal Timing Mode operation (See
“Principles of Operation” on page 3).
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Ee
Detectable Input Light Intensity
0.5 to 10k
lux
VDD
Power Supply Range
2.5
3.30
V
IDD
Supply Current
0.25
0.33
mA
IDD1
Supply Current Disabled
Software disabled
0.1
1
µA
fOSC1
Internal Oscillator Frequency
Gain/Range = 1 or 2
308
342
377
kHz
fOSC2
Internal Oscillator Frequency
Gain/Range = 3 or 4
616
684
754
kHz
fI2C
I2C Clock Rate
1 to 400
kHz
DATA0
Dark ADC Code
E = 0 lux, Gain/Range = 1
0
6
Counts
DATA1
Full Scale ADC Code
32767
Counts
DATA2
Light Count output
E = 300 lux, fluorescent light, Gain/Range = 1
(Note 2)
3300
4400
5500
Counts
DATA3
Light Count output
E = 300 lux, fluorescent light, Gain/Range = 2
(Note 2)
1100
Counts
DATA4
Light Count output
E = 300 lux, fluorescent light, Gain/Range = 3
(Note 2)
275
Counts
DATA5
Light Count output
E = 300 lux, fluorescent light, Gain/Range = 4
(Note 2)
69
Counts
VREF
Voltage of REXT Pin
0.490
0.515
0.540
V
VTL
SCL and SDA Threshold LO
(Note 3)
1.05
V
VTH
SCL and SDA Threshold HI
(Note 3)
1.95
V
ISDA
SDA Current Sinking Capability
3
5
mA
IINT
INT Current Sinking Capability
3
5
mA
NOTES:
2. Fluorescent light is substituted by a green LED during production.
3. The voltage threshold levels of the SDA and SCL pins are VDD dependent: VTL = 0.35*VDD. VTH = 0.65*VDD.
ISL29013


Numéro de pièce similaire - ISL29013IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29013IROZ-T7 RENESAS-ISL29013IROZ-T7 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Description similaire - ISL29013IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com